Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP235 Datasheet(PDF) 1 Page - Multicomp Pro

Part # MP235
Description  Hand Wound Cable Storage Reel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MP235 Datasheet(HTML) 1 Page - Multicomp Pro

  MP235 Datasheet HTML 1Page - Multicomp Pro MP235 Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Hand Wound Cable Storage Reel
Feature
• With blank cover
Specifications
Material
: Special rubber
Weight
: 1.02 kg
Diagram
Dimensions : Millimetres
Part Number Table
Description
Part Number
Hand Wound Cable Storage Reel
MP 235
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Page <1>
27/10/21 V1.1
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.


Similar Part No. - MP235

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2351 MPS-MP2351 Datasheet
205Kb / 3P
4.75V to 23V Input, 1.5A Output Step-Down DC/DC Converter
MP2351 MPS-MP2351 Datasheet
187Kb / 8P
1.5A, 23V, 1.4MHz Step-Down Converter
MP2351DK MPS-MP2351DK Datasheet
187Kb / 8P
1.5A, 23V, 1.4MHz Step-Down Converter
MP2351DQ MPS-MP2351DQ Datasheet
187Kb / 8P
1.5A, 23V, 1.4MHz Step-Down Converter
MP2354 MPS-MP2354 Datasheet
186Kb / 4P
4.75V to 23V IN, 2A OUT, 380KHz Step-Down DC/DC Converter
More results

Similar Description - MP235

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
37525 ETC2-37525 Datasheet
127Kb / 2P
STORAGE CONTAINERS
logo
Molex Electronics Ltd.
0638170100 MOLEX11-0638170100 Datasheet
28Kb / 1P
Manual Ribbon Cable Cutter Hand Tool
1300870043 MOLEX11-1300870043 Datasheet
46Kb / 1P
Woodhead Super-Safeway Heavy Duty Hand Wind Reel
1300870057 MOLEX11-1300870057 Datasheet
34Kb / 2P
Woodhead Super-Safeway Industrial Duty Hand Wind Reel
1300870065 MOLEX11-1300870065 Datasheet
34Kb / 2P
Woodhead Super-Safeway Heavy Duty Hand Wind Reel with Duplex Receptacle
1300870068 MOLEX11-1300870068 Datasheet
34Kb / 2P
Woodhead Super-Safeway Heavy Duty Hand Wind Reel with Duplex Receptacle
logo
Wurth Elektronik GmbH &...
74406032010 WURTH-74406032010 Datasheet
324Kb / 5P
Storage Temperature
logo
Rosenberger Hochfrequen...
SLFCS001-000 ROSENBERGER-SLFCS001-000 Datasheet
105Kb / 1P
Fiber excess cable storage
logo
NEC
D4 NEC-D4 Datasheet
880Kb / 2P
SAN STORAGE
logo
TE Connectivity Ltd
SK6 TEC-SK6 Datasheet
480Kb / 5P
Cable Actuated Encoder Reel
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com