Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP44019GS-Z Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP44019GS-Z
Description  CrM/DCM Multi-Mode PFC Controller with Second OVP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP44019GS-Z Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP44019GS-Z Datasheet HTML 17Page - Monolithic Power Systems MP44019GS-Z Datasheet HTML 18Page - Monolithic Power Systems MP44019GS-Z Datasheet HTML 19Page - Monolithic Power Systems MP44019GS-Z Datasheet HTML 20Page - Monolithic Power Systems MP44019GS-Z Datasheet HTML 21Page - Monolithic Power Systems MP44019GS-Z Datasheet HTML 22Page - Monolithic Power Systems MP44019GS-Z Datasheet HTML 23Page - Monolithic Power Systems MP44019GS-Z Datasheet HTML 24Page - Monolithic Power Systems MP44019GS-Z Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
MP44019
– CRM/DCM MULTI-MODE PFC CONTROLLER WITH SECOND OVP
MP44019 Rev. 1.0
MonolithicPower.com
21
4/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
The
minimum
boost
inductance
can
be
estimated with Equation (21):
AC_MAX
MIN
CS
OCP_OCL
2V
300ns
L
=
R
= 37.5 H
V
 (21)
Selecting the Boost MOSFET
The voltage rating of the MOSFET is determined
by the output voltage, over-voltage protection
(OVP) threshold, and a margin, such that VDS >
VO + ΔVOVP. The current rating of the MOSFET
is determined by the RMS value of the current
flowing through the MOSFET.
VDS can be calculated with Equation (22):
VDS > VOUT + ∆VOVP = 440V
(22)
The RMS current of MOSFET can be estimated
with Equation (23):
IQRMS=2√2×IAC_MAX×√
1
6
-
4√2
9π
×
VAC_MIN
VOUT
=3A (23)
In addition, the MOSFET pulse-drain current
should
exceed
the peak
inductor current,
calculated with Equation (24):
ID_PULSE > ILPK_MAX = 2√2×IAC_MAX = 8.6A (24)
Selecting the Boost Diode
The boost diode should have the same voltage
rating as the boost MOSFET.
The average current of the output diode is the
same as the output current of the PFC regulator,
calculated with Equation (25):
IDAVG = IOUT = 0.6A
(25)
To estimate the power consumption of the diode,
the RMS current can be calculated with Equation
(26):
IDRMS = 2√2×IAC_MAX×√
4√2
9π
×
VAC_MIN
VOUT
= 1.82A (26)
The boost diode must have an average and RMS
current ratings that exceed IDAVG and IDRMS,
respectively.
Diodes are available with a range of different
speed and recovery charges. Fast diodes
typically have higher conduction loss but lower
switching loss. Slow diodes typically have lower
conduction loss but higher switching loss.
Maximum efficiency is achieved when the diode
speed rating matches the application. In this
case, a boost diode with a fast recovery is
recommended.
Selecting the Output Capacitor
When selecting an output capacitor, consider the
output voltage ripple (VO_RIPPLE), ripple current
rating, and hold-up time.
The output ripple is a function of the effective
series resistance (ESR) of the capacitor, the
output voltage, and the line frequency (fLINE). The
output ripple can be estimated with Equation (27):
VO_RIPPLE = 2x
POUT
VOUT
x√
1
(
2π×2fLINExCOUT)2
+ESR
2
(27)
In this case, the calculated ripple with the
selected capacitor should be below 3% of the
output voltage, and the ESR of the output
capacitor is assumed to be 1
Ω. COUT can be
calculated with Equation (28):
COUT ≥
1
2πx2fLINE√(
3%×VOUT
2
2xPOUT
)
2
-ESR2
= 160μF
(28)
To ensure that the error amplifier
’s nonlinear
gain is not activated by the extremes of the
output voltage ripple, the output voltage ripple
amplitude should satisfy the condition calculated
with Equation (29):
VO_RIPPLE
VOUT
≤
2x100mV
VR
= 8%
(29)
The maximum RMS ripple current flowing in the
output capacitor can be estimated with Equation
(30):
IO_RIPPLE_MAX =√IDRMS
2
- (
POUT
VOUT
)
2
= 1.72A
(30)
This current flowing into the output capacitor is
made up of a switching frequency component
(50Hz)
and
a
twice-line
frequency
ripple
component (100kHz), calculated with Equation
(31) and Equation (32), respectively:
IO_RIPPLE_50Hz =
1
√2
x
POUT
VOUT
= 0.424A
(31)
IO_RIPPLE_100KHz =√IDRMS
2
-
3
2
x (
POUT
VOUT
)
2
= 1.67A (32)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com