Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP44019GS-Z Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP44019GS-Z
Description  CrM/DCM Multi-Mode PFC Controller with Second OVP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP44019GS-Z Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP44019GS-Z Datasheet HTML 1Page - Monolithic Power Systems MP44019GS-Z Datasheet HTML 2Page - Monolithic Power Systems MP44019GS-Z Datasheet HTML 3Page - Monolithic Power Systems MP44019GS-Z Datasheet HTML 4Page - Monolithic Power Systems MP44019GS-Z Datasheet HTML 5Page - Monolithic Power Systems MP44019GS-Z Datasheet HTML 6Page - Monolithic Power Systems MP44019GS-Z Datasheet HTML 7Page - Monolithic Power Systems MP44019GS-Z Datasheet HTML 8Page - Monolithic Power Systems MP44019GS-Z Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
MP44019
– CRM/DCM MULTI-MODE PFC CONTROLLER WITH SECOND OVP
MP44019 Rev. 1.0
MonolithicPower.com
4
4/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
FB
Output voltage sense. The FB pin senses the output voltage through a resistor divider,
and compares the sensed voltage to the reference voltage (VREF) (typically 2.5V). This
allows the output voltage to be regulated. FB also integrates under-voltage protection (UVP)
and over-voltage protection (OVP), described below:
UVP: Pull the FB pin below 0.36V for a blanking time (tBL_UVP) of 55µs to shut down the IC,
or pull COMP down for the IC to enter low-supply current mode.
OVP: If the FB voltage (VFB) exceeds VFB_OVP (typically 2.7V) for a blanking time (tBL_OVP) of
22µs, the IC stops switching. The IC resumes switching when VFB drops back to 2.62V.
2
COMP
Error amplifier output. The compensation network is connected between the COMP pin
and GND. If the internal COMP voltage (VCOMPI) drops below VCOMPI_BOFF (typically 60mV),
switching stops with five soft-off pulses. As VCOMPI ramps up to VCOMPI_BON (typically 120mV),
switching resumes after five soft-on pulses.
3
MAINSIN
Mains voltage sense. MAINSIN is connected to the capacitor just after the rectifier bridge.
The rectifier voltage is scaled down by a resistor divider connected to MAINSIN. The voltage
on MAINSIN provides brown-in and brownout functions, and provides feed-forward
compensation for the COMP voltage.
If MAINSIN’s peak voltage exceeds VMAINS_BI (typically 1V), the device starts to switch with
COMP soft start-up.
If MAINSIN’s peak voltage remains below VMAINS_BO (typically 0.9V) for
tBO (typically 50ms), a brownout condition is confirmed. Then the PFC stops switching, and
COMP is pulled down to 0V.
4
ZCD/CS
Combined function with current sense and zero-current detection. The CS pin provides
monitoring for over-current protection (OCP) and over-current limiting (OCL). A lead-edge
blanking (LEB) time ensures that the CS pin does not mistrigger OCP or OCL. OCP and
OCL are described in greater detail below:
OCL: If CS exceeds VOCL (typically 0.5V) for an LEB time (tOCL_LEB) of 300ns, the IC stops
switching. OCL is cycle-by-cycle current limited.
OCP: If the CS voltage exceeds VOCP (typically 0.75V) for two consecutive 180µs restart
switching cycles, the OCP flag is triggered, and the IC stops switching. OCP is reset by an
auto-recovery timer (tOCP_R) of 80ms, or by a brown-in, brownout, or VCC under-voltage
lockout (UVLO) event.
A leading-edge blanking time (tZCD_LEB) of 0.3µs is inserted to filter out the noise ringing on
ZCD after the gate turns off. The positive voltage on ZCD must exceed VZCD_H (typically
0.75V), then drop below VZCD_L (typically 0.25V) for the next stroke. The valley switch must
wait for the end of the minimum period limit time or dead time extension control. The restart
timer generates a signal to turn on the MOSFET when ZCD is not detected for tZCD_TO
(typically 180µs) which starts to count when switching off.
5
OVP2
Second OVP function. If OVP2 exceeds VFB_OVP2 (typically 2.7V) for a blanking time of
tBL_OVP2 (typically 22µs), the IC stops switching. The IC resumes switching when OVP2 drops
to VFB_OVP2 - VFB_OVP2_HYS (typically 2.6V).
6
GND
Ground.
7
GATE
Gate driver output. The high output current of the gate driver can drive the power
MOSFET. If GATE is supplied with a high VCC, the high-level voltage of GATE is clamped
to 13V.
8
VCC
Supply voltage.
VCC supplies power to the IC’s signal path and the gate driver. Connect
a bypass capacitor from VCC to ground to reduce noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com