Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP44019GS-Z Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP44019GS-Z
Description  CrM/DCM Multi-Mode PFC Controller with Second OVP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP44019GS-Z Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP44019GS-Z Datasheet HTML 4Page - Monolithic Power Systems MP44019GS-Z Datasheet HTML 5Page - Monolithic Power Systems MP44019GS-Z Datasheet HTML 6Page - Monolithic Power Systems MP44019GS-Z Datasheet HTML 7Page - Monolithic Power Systems MP44019GS-Z Datasheet HTML 8Page - Monolithic Power Systems MP44019GS-Z Datasheet HTML 9Page - Monolithic Power Systems MP44019GS-Z Datasheet HTML 10Page - Monolithic Power Systems MP44019GS-Z Datasheet HTML 11Page - Monolithic Power Systems MP44019GS-Z Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
MP44019
– CRM/DCM MULTI-MODE PFC CONTROLLER WITH SECOND OVP
MP44019 Rev. 1.0
MonolithicPower.com
8
4/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VCC = 20V, TA = TJ = -40°C to +125°C, min and max values are guaranteed by characterization,
typical values are tested under 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Mains Compensation
On time
tON_LL
VCOMP = 3.8V, MAINSIN = 1.0V
20
24
29
µs
tON_HL
VCOMP = 3.8V, MAINSIN = 3.38V
1.6
2.1
2.8
µs
Gate Driver (GATE)
Drop voltage
ROH
IGDSOURCE = 20mA
10
16
Ω
ROL
IGDSINK = 20mA
2.5
6
Ω
Voltage falling time
tF
20
ns
Voltage rising time
tR
120
ns
Max output drive
voltage
VGATE_MAX
11.5
13
15
V
Source current
capability (5)
IGATE_SOURCE
-600
mA
Sink current capability
(5)
IGATE_SINK
1
A
UVLO saturation
voltage
VSATURATION
VCC = 0V to VCC_ON,
IGATE_SINK = 10mA
1.5
V
Second OVP (OVP2)
OVP2 trigger threshold
VFB_OVP2
2.6
2.7
2.8
V
OVP2 hysteresis
VFB_OVP2_HYS
0.08
V
Protection current for
OVP2 open fault
IFB2_BIAS
-100
nA
OVP2 blanking time
tBL_OVP2
17
23
32
µs
Internal OTP
OTP threshold (5)
TOTP
150
°C
OTP hysteresis (5)
TOTP_HYS
40
°C
Notes:
5) Guaranteed by design.
6) VCOMPI = (VCOMP - VCOMP_L) / 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com