Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6563TR Datasheet(PDF) 28 Page - STMicroelectronics

Part # L6563TR
Description  Advanced transition-mode PFC controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563TR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L6563TR Datasheet HTML 24Page - STMicroelectronics L6563TR Datasheet HTML 25Page - STMicroelectronics L6563TR Datasheet HTML 26Page - STMicroelectronics L6563TR Datasheet HTML 27Page - STMicroelectronics L6563TR Datasheet HTML 28Page - STMicroelectronics L6563TR Datasheet HTML 29Page - STMicroelectronics L6563TR Datasheet HTML 30Page - STMicroelectronics L6563TR Datasheet HTML 31Page - STMicroelectronics L6563TR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
Application information
L6563 - L6563A
28/39
boost inductor the inrush current coming from the bridge rectifier adds up to the switched
current and, furthermore, there is little or no voltage available for demagnetization.
To cope with a saturated inductor, the L6563 is provided with a second comparator on the
current sense pin (CS, pin 4) that stops and latches off the IC if the voltage, normally limited
within 1.1V, exceeds 1.7V. Also the cascaded DC-DC converter can be stopped via the
PWM_LATCH pin that is asserted high. In this way the entire system is stopped and enabled
to restart only after recycling the input power, that is when the Vcc voltages of the L6563
and the PWM controller go below their respective UVLO thresholds. System safety will be
considerably increased.
To better suit the applications where a certain level of saturation of the boost inductor needs
to be tolerated, the L6563A does not support this protection function.
6.7
Power management/housekeeping functions
A special feature of this IC is that it facilitates the implementation of the "housekeeping"
circuitry needed to coordinate the operation of the PFC stage to that of the cascaded DC-
DC converter. The functions realized by the housekeeping circuitry ensure that transient
conditions like power-up or power down sequencing or failures of either power stage be
properly handled.
This device provides some pins to do that. As already mentioned, one communication line
between the IC and the PWM controller of the cascaded DC-DC converter is the
PWM_LATCH pin, which is normally open when the PFC works properly and goes high if it
loses control of the output voltage (because of a failure of the control loop) or if the boost
inductor saturates, with the aim of latching off the PWM controller of the cascaded DC-DC
converter as well (Section 6.2: Feedback Failure Protection (FFP) on page 18 for more
details).
A second communication line can be established via the disable function included in the
PFC_OK pin (Section 6.2 on page 18 for more details ). Typically this line is used to allow
the PWM controller of the cascaded DC-DC converter to shut down the L6563/A in case of
light load, to minimize the no-load input consumption. Should the residual consumption of
the chip be an issue, it is also possible to cut down the supply voltage. Interface circuits like
those shown in Figure 43, where the L6563/A works along with the L5991, PWM controller
with standby function, can be used. Needless to say, this operation assumes that the
cascaded DC-DC converter stage works as the master and the PFC stage as the slave or, in
other words, that the DC-DC stage starts first, it powers both controllers and
enables/disables the operation of the PFC stage.
Figure 42. Effect of boost inductor saturation on the MOSFET current and detection method



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com