Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6563TR Datasheet(PDF) 31 Page - STMicroelectronics

Part # L6563TR
Description  Advanced transition-mode PFC controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563TR Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L6563TR Datasheet HTML 27Page - STMicroelectronics L6563TR Datasheet HTML 28Page - STMicroelectronics L6563TR Datasheet HTML 29Page - STMicroelectronics L6563TR Datasheet HTML 30Page - STMicroelectronics L6563TR Datasheet HTML 31Page - STMicroelectronics L6563TR Datasheet HTML 32Page - STMicroelectronics L6563TR Datasheet HTML 33Page - STMicroelectronics L6563TR Datasheet HTML 34Page - STMicroelectronics L6563TR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
L6563 - L6563A
Application information
31/39
IC shutdown upon brownout can be easily realized as shown in Figure 46 The scheme on
the left is of general use, the one on the right can be used if the bias levels of the multiplier
and the RFF·CFF time constant are compatible with the specified brownout level and with the
specified holdup time respectively.
In Table 6 it is possible to find a summary of all of the above mentioned working conditions
that cause the device to stop operating.
Figure 46. Brownout protection (master PFC)
6.8
Summary of L6563/A idle states
.
10
RUN
AC mains
L6563
L6563A
VFF
L6563
L6563A
5
RUN
10
RFF
CFF
Table 6. Summary of L6563/A idle states
Condition
Caused or
revealed by
PWM_LATCH
(pin 8)
PWM_STOP
(pin 9)
Typical IC
consumption
IC behavior
UVLO
Vcc < 8.7 V
Open
Open
50 µA
Auto-restart
Feedback
disconnected
PFC_OK > 2.5 V
Active (high)
Open
180 µA
Latched
Saturated
Boost Inductor
Vcs > 1.7 V
(L6563 only)
Active (high)
(L6563 only)
Open
180 µA
(L6563 only)
Latched
(L6563 only)
AC Brownout
RUN < 0.52 V
Open
Active (low)
1.5 mA
Auto-restart
Standby
PFC_OK < 0.2 V
Open
Open
1.5 mA
Auto-restart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com