Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6563TR Datasheet(PDF) 33 Page - STMicroelectronics

Part # L6563TR
Description  Advanced transition-mode PFC controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563TR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L6563TR Datasheet HTML 29Page - STMicroelectronics L6563TR Datasheet HTML 30Page - STMicroelectronics L6563TR Datasheet HTML 31Page - STMicroelectronics L6563TR Datasheet HTML 32Page - STMicroelectronics L6563TR Datasheet HTML 33Page - STMicroelectronics L6563TR Datasheet HTML 34Page - STMicroelectronics L6563TR Datasheet HTML 35Page - STMicroelectronics L6563TR Datasheet HTML 36Page - STMicroelectronics L6563TR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
L6563 - L6563A
Application examples and ideas
33/39
Figure 49. EVAL6563-80W: PCB layout, soldering side (Top view)
Note:
Measurements done with the line filter shown in Figure 51.
Note:
Measurements done with the line filter shown in Figure 51.
Table 7. EVAL6563-80W: Evaluation results at full load
Vin (VAC)
Pin (W)
Vo (VDC)
∆Vo
(Vpk-pk)
Po (W)
η (%)
PF
THD (%)
90
85.3
219.4
16.6
79.64
93.4
0.999
3.7
115
84.9
244.1
15.0
80.80
95.2
0.998
4.3
135
83.7
263.7
13.9
80.16
95.8
0.997
4.8
180
83.5
307.6
14.5
80.28
96.1
0.993
6.0
230
85.2
356.7
13.0
81.33
95.5
0.984
7.7
265
85.0
390.6
12.1
80.85
95.1
0.974
9.5
Table 8. EVAL6563-80W: Evaluation results at half load
Vin (VAC)
Pin (W)
Vo (VDC)
∆Vo
(Vpk-pk)
Po (W)
η (%)
PF
THD (%)
90
43.4
219.9
8.6
40.90
94.2
0.997
4.8
115
42.6
244.5
7.7
40.10
94.1
0.994
5.7
135
43.1
264.0
7.3
40.39
93.7
0.989
6.5
180
43.8
307.7
7.7
40.31
92.0
0.978
8.4
230
45.6
356.8
6.8
41.03
90.0
0.951
9.6
265
46.0
390.7
6.7
40.63
88.3
0.920
14.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com