Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF17 Datasheet(PDF) 4 Page - Hirose Electric

Part # DF17
Description  0.5mm Pitch Board to Board Connector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF17 Datasheet(HTML) 4 Page - Hirose Electric

  DF17 Datasheet HTML 1Page - Hirose Electric DF17 Datasheet HTML 2Page - Hirose Electric DF17 Datasheet HTML 3Page - Hirose Electric DF17 Datasheet HTML 4Page - Hirose Electric DF17 Datasheet HTML 5Page - Hirose Electric DF17 Datasheet HTML 6Page - Hirose Electric DF17 Datasheet HTML 7Page - Hirose Electric DF17 Datasheet HTML 8Page - Hirose Electric DF17 Datasheet HTML 9Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
A187
DF17 Seriesq0.5mm Pitch Board to Board Connector
q Stacking Height: 4mm
sReceptacle With metal fitting
020
026
030
040
050
060
070
080
10.0
11.5
12.5
15.0
17.5
20.0
22.5
25.0
06.8
08.3
09.3
11.8
14.3
16.8
19.3
21.8
05.5
07.0
08.0
10.5
13.0
15.5
18.0
20.5
04.5
06.0
07.0
09.5
12.0
14.5
17.0
19.5
07.0
08.5
09.5
12.0
14.5
17.0
19.5
22.0
09.8
11.3
12.3
14.8
17.3
19.8
22.3
24.8
3.5
3.0
YES
q Stacking Height: 5mm, 7mm
q Stacking Height: 6mm, 8mm
A
B
C
D
E
F
G
H
RoHS
Number of Contacts
CL No.
683-0002-2-57
683-0241-3-57
683-0003-5-57
683-0004-8-57
683-0005-0-57
683-0006-3-57
683-0007-6-57
683-0008-9-57
Part Number
DF17(3.0)-020DS-0.5V(57)
DF17(3.0)-026DS-0.5V(57)
DF17(3.0)-030DS-0.5V(57)
DF17(3.0)-040DS-0.5V(57)
DF17(3.0)-050DS-0.5V(57)
DF17(3.0)-060DS-0.5V(57)
DF17(3.0)-070DS-0.5V(57)
DF17(3.0)-080DS-0.5V(57)
26
30
60
70
80
11.5
12.5
20.0
22.5
25.0
08.3
09.3
16.8
19.3
21.8
07.0
08.0
15.5
18.0
20.5
06.0
07.0
14.5
17.0
19.5
08.5
09.5
17.0
19.5
22.0
11.3
12.3
19.8
22.3
24.8
3.0
3.0
YES
A
B
C
D
E
F
G
H
RoHS
Number of Contacts
CL No.
683-0253-2-57
683-0268-0-57
683-0361-5-57
683-0393-1-57
683-0369-7-57
Part Number
DF17(3.0H)-26DS-0.5V(57)
DF17(3.0H)-30DS-0.5V(57)
DF17(3.0H)-60DS-0.5V(57)
DF17(3.0H)-70DS-0.5V(57)
DF17(3.0H)-80DS-0.5V(57)
20
30
40
50
60
70
80
10.0
12.5
15.0
17.5
20.0
22.5
25.0
06.8
09.3
11.8
14.3
16.8
19.3
21.8
05.5
08.0
10.5
13.0
15.5
18.0
20.5
04.5
07.0
09.5
12.0
14.5
17.0
19.5
07.0
09.5
12.0
14.5
17.0
19.5
22.0
09.8
12.3
14.8
17.3
19.8
22.3
24.8
4.5
4.0
YES
A
B
C
D
E
F
G
H
RoHS
Number of Contacts
CL No.
683-0042-7-57
683-0043-0-57
683-0044-2-57
683-0045-5-57
683-0046-8-57
683-0047-0-57
683-0048-3-57
Part Number
DF17(4.0)-20DS-0.5V(57)
DF17(4.0)-30DS-0.5V(57)
DF17(4.0)-40DS-0.5V(57)
DF17(4.0)-50DS-0.5V(57)
DF17(4.0)-60DS-0.5V(57)
DF17(4.0)-70DS-0.5V(57)
DF17(4.0)-80DS-0.5V(57)
Note 1. In regard to this product, the embossed tape packaging is the standard packaging. (1000 pcs./ reel.)
Note 2. If the without boss specification is required, please contact HRS sales department.
0.2
C
Ø 0.5
P = 0.5
D
E
B
A
F
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com