Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF17 Datasheet(PDF) 3 Page - Hirose Electric

Part # DF17
Description  0.5mm Pitch Board to Board Connector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF17 Datasheet(HTML) 3 Page - Hirose Electric

  DF17 Datasheet HTML 1Page - Hirose Electric DF17 Datasheet HTML 2Page - Hirose Electric DF17 Datasheet HTML 3Page - Hirose Electric DF17 Datasheet HTML 4Page - Hirose Electric DF17 Datasheet HTML 5Page - Hirose Electric DF17 Datasheet HTML 6Page - Hirose Electric DF17 Datasheet HTML 7Page - Hirose Electric DF17 Datasheet HTML 8Page - Hirose Electric DF17 Datasheet HTML 9Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
A186
DF17 Seriesq0.5mm Pitch Board to Board Connector
100V DC
150V AC/1 minute
100mA
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions.
96 hours at temperature of 40ç and humidity of 90% to 95%
(-55ç: 30 minutes 5 to 35ç: 10 minutes 85ç: 30 minutes 5 to 35ç: 10 minutes) 5 cycles
50 cycles
Reflow: At the recommended temperature profile
Manual soldering: 350ç for 3 seconds
500M ohms min.
No flashover or insulation breakdown.
60m ohms max.
No electrical discontinuity of 1µs or more
Contact resistance: 60m ohms max. Insulation resistance: 250M ohms min.
Contact resistance: 60m ohms max. Insulation resistance: 500M ohms min.
Contact resistance: 60m ohms
No deformation of components affecting performance.
1. Insulation Resistance
2. Withstanding voltage
3. Contact Resistance
4. Vibration
5.
Humidity (Steady state)
6. Temperature Cycle
7. Durability (Mating/un-mating)
8. Resistance to
Soldering heat
Item
Specification
Condition
sProduct Specifications
Rating
Current rating
Voltage rating
0.3A
50V AC
Operating Temperature Range
Operating Humidity Range
Storage Temperature Range
Storage Humidity Range
-10 to 60ç(Note 2)
40 to 70%
-35 to 85ç (Note 1)
40 to 80%
Note 1: Includes temperature rise caused by current flow.
Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and
Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation.
Note 3: Information contained in this catalog represents general requirements for this Series. Contact us for the drawings and specifications for a
specific part number shown.
Note1: DF17(0.3)-*DS-0.5V : Contact area: gold plating/lead area: flash gold plated
DF17(4.0)-*DS-0.5V : Contact area: gold plating/lead area: tin plated
DF17(4.0)-*DP-0.5V : Contact area: gold plating/lead area: tin plated
Note2: The header gold plated product:Contact area: gold plating/lead area: tin plated
DF17(1.0H)-*DS-0.5V only: Contact area: gold plating/lead area: flash gold plated
sMaterial
Product
Part
Receptacle
Header
Insulator
Contact
Metal Fitting
Insulator
Contact
Metal Fitting
Polyamide
Phosphor copper
Phosphor copper
Polyamide
Phosphor copper
Phosphor copper
White
Gold plated (Note 1)
Tin-lead plated
White
Gold plated (Note 2)
Tin-lead plated
UL94V-0
---------------
---------------
UL94V-0
---------------
---------------
Material
Finish
Remarks
BOrdering Information
DF17 #
(**)
- * DS - 0.5 V (**)
1
2
3
4
5
6
8
7
qReceptacle/Header
Product height
The stacking height can be determined by adding the
figures in parentheses to receptacle and header.
Number of Contacts
20,26,30,40,50,60,70,80 contacts
Connector Type
DS: Receptacle
DP: Header
Contact Pitch: 0.5mm
Contact Type
V: Straight SMT
Packaging Type (57):Gold plated,embossed
tape packaging
3
4
5
6
7
8
2
1
DF17
DF17B
Fitting
K
K
Boss
K
∞
Series Name: DF17
Type
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com