Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF17 Datasheet(PDF) 7 Page - Hirose Electric

Part # DF17
Description  0.5mm Pitch Board to Board Connector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF17 Datasheet(HTML) 7 Page - Hirose Electric

  DF17 Datasheet HTML 1Page - Hirose Electric DF17 Datasheet HTML 2Page - Hirose Electric DF17 Datasheet HTML 3Page - Hirose Electric DF17 Datasheet HTML 4Page - Hirose Electric DF17 Datasheet HTML 5Page - Hirose Electric DF17 Datasheet HTML 6Page - Hirose Electric DF17 Datasheet HTML 7Page - Hirose Electric DF17 Datasheet HTML 8Page - Hirose Electric DF17 Datasheet HTML 9Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
A190
DF17 Seriesq0.5mm Pitch Board to Board Connector
s Packaging Specification
qEmbossed Carrier Tape Dimensions
sReceptacle
Connector
LM
P
Q
R
DF17#(3.0)-20DS-0.5V
11.5
24
3.8
25.5
330
DF17#(3.0)-30DS-0.5V
11.5
24
3.8
25.5
330
DF17#(3.0)-40DS-0.5V
11.5
24
3.8
25.5
330
DF17#(3.0)-26DS-0.5V
11.5
24
3.8
25.5
330
Connector
LM
NP
Q
R
DF17#(3.0)-050DS-0.5V
14.2
28.4
32
3.8
33.5
330
DF17#(3.0)-060DS-0.5V
14.2
28.4
32
3.8
33.5
330
DF17#(3.0)-070DS-0.5V
20.2
40.4
44
3.8
45.5
330
DF17#(3.0)-080DS-0.5V
20.2
40.4
44
3.8
45.5
330
Connector
LN
P
Q
R
DF17#(4.0)-20DS-0.5V
11.5
24
4.8
25.5
330
DF17#(4.0)-30DS-0.5V
11.5
24
4.8
25.5
330
DF17#(4.0)-40DS-0.5V
11.5
24
4.8
25.5
330
Connector
LM
NP
Q
R
DF17#(4.0)-50DS-0.5V
14.2
28.4
32
4.8
33.5
330
DF17#(4.0)-60DS-0.5V
14.2
28.4
32
4.8
33.5
330
DF17#(4.0)-70DS-0.5V
20.2
40.4
44
4.8
45.5
330
DF17#(4.0)-80DS-0.5V
20.2
40.4
44
4.8
45.5
330
Connector
LM
NP
Q
R
DF17#(3.0)-26DS-0.5V
11.5
-
24
3.3
25.5
330
DF17#(3.0)-30DS-0.5V
11.5
-
24
3.3
25.5
330
DF17#(3.0)-60DS-0.5V
14.2
28.4
32
3.3
33.5
330
DF17#(3.0)-70DS-0.5V
20.2
40.4
44
3.3
45.5
330
DF17#(3.0)-80DS-0.5V
20.2
40.4
44
3.3
45.5
330
qReel Dimensions
12±0.1
2±0.1
4±0.1
0.3±0.1
P±0.15
Unreeling direction
Y-Y
Y
X
Y
X-X
X
Ø1.5 Lead hole depth
(Q+4)±1
Q±0.5
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com