Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL750L05CLP.A Datasheet(PDF) 25 Page - Texas Instruments

Part # TL750L05CLP.A
Description  LOW-DROPOUT VOLTAGE REGULATORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL750L05CLP.A Datasheet(HTML) 25 Page - Texas Instruments

Back Button TL750L05CLP.A Datasheet HTML 20Page - Texas Instruments TL750L05CLP.A Datasheet HTML 21Page - Texas Instruments TL750L05CLP.A Datasheet HTML 22Page - Texas Instruments TL750L05CLP.A Datasheet HTML 23Page - Texas Instruments TL750L05CLP.A Datasheet HTML 24Page - Texas Instruments TL750L05CLP.A Datasheet HTML 25Page - Texas Instruments TL750L05CLP.A Datasheet HTML 26Page - Texas Instruments TL750L05CLP.A Datasheet HTML 27Page - Texas Instruments TL750L05CLP.A Datasheet HTML 28Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
www.ti.com
PACKAGE OUTLINE
C
5.460
4.953
10.41
9.40
2.29
4.58
3X
0.890
0.635
1.02
0.61
1.27
0.89
2.52 MAX
0.61
0.46
4.32
MIN
5.21 MIN
-8
0
0.13
0.00
1.78
1.40
0.61
0.46
A
6.70
6.35
B
6.22
5.97
0.51
GAGE PLANE
TO-252 - 2.52 mm max height
KVU0003A
TO-252
4218915/A 02/2017
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Shape may vary per different assembly sites.
4. Reference JEDEC registration TO-252.
1
2
3
0.25
C A B
OPTIONAL
NOTE 3
SCALE 1.500
SEE DETAIL A
EXPOSED
THERMAL PAD
NOTE 3
1
2
3
4
A 7.000
DETAIL A
TYPICAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com