Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL750L05CLP.A Datasheet(PDF) 5 Page - Texas Instruments

Part # TL750L05CLP.A
Description  LOW-DROPOUT VOLTAGE REGULATORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL750L05CLP.A Datasheet(HTML) 5 Page - Texas Instruments

  TL750L05CLP.A Datasheet HTML 1Page - Texas Instruments TL750L05CLP.A Datasheet HTML 2Page - Texas Instruments TL750L05CLP.A Datasheet HTML 3Page - Texas Instruments TL750L05CLP.A Datasheet HTML 4Page - Texas Instruments TL750L05CLP.A Datasheet HTML 5Page - Texas Instruments TL750L05CLP.A Datasheet HTML 6Page - Texas Instruments TL750L05CLP.A Datasheet HTML 7Page - Texas Instruments TL750L05CLP.A Datasheet HTML 8Page - Texas Instruments TL750L05CLP.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
TL750L
TL751L
www.ti.com.................................................................................................................................... SLVS017U – SEPTEMBER 1987 – REVISED SEPTEMBER 2009
TL75xL10 Electrical Characteristics
(1)
VI = 14 V, IO = 10 mA, TJ = 25°C (unless otherwise noted)
TL750L10
TL751L10
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
TJ = 25°C
9.6
10
10.4
Output voltage
VI = 11 V to 26 V, IO = 0 to 150 mA
V
TJ = 0°C to 125°C
9.5
10.5
VI = 12 V to 19 V
10
25
Input regulation voltage
mV
VI = 11 V to 26 V
30
60
Ripple rejection
VI = 12 V to 22 V, f = 120 Hz
60
65
dB
Output regulation voltage
IO = 5 mA to 150 mA
50
100
mV
IO = 10 mA
0.2
Dropout voltage
V
IO = 150 mA
0.6
Output noise voltage
f = 10 Hz to 100 kHz
700
μV
IO = 150 mA
10
12
Quiescent current
VI = 11 V to 26 V, IO = 10 mA, TJ = 0°C to 125°C
1
2
mA
ENABLE
≥ 2 V
0.5
(1)
Pulse-testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. Thermal effects
must be taken into account separately. All characteristics are measured with a 0.1-
μF capacitor across the input and a 10-μF capacitor,
with equivalent series resistance of less than 0.4
Ω, across the output.
TL75xL12 Electrical Characteristics
(1)
VI = 14 V, IO = 10 mA, TJ = 25°C (unless otherwise noted)
TL750L12
TL751L12
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
TJ = 25°C
11.52
12
12.48
Output voltage
VI = 13 V to 26 V, IO = 0 to 150 mA
V
TJ = 0°C to 125°C
11.4
12.6
VI = 14 V to 19 V
15
30
Input regulation voltage
mV
VI = 13 V to 26 V
20
40
Ripple rejection
VI = 13 V to 23 V, f = 120 Hz
50
55
dB
Output regulation voltage
IO = 5 mA to 150 mA
50
120
mV
IO = 10 mA
0.2
Dropout voltage
V
IO = 150 mA
0.6
Output noise voltage
f = 10 Hz to 100 kHz
700
μV
IO = 150 mA
10
12
Quiescent current
VI = 13 V to 26 V, IO = 10 mA, TJ = 0°C to 125°C
1
2
mA
ENABLE
≥ 2 V
0.5
(1)
Pulse-testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. Thermal effects
must be taken into account separately. All characteristics are measured with a 0.1-
μF capacitor across the input and a 10-μF capacitor,
with equivalent series resistance of less than 0.4
Ω, across the output.
PARAMETER MEASUREMENT INFORMATION
The TL750L, TL751L series are low-dropout regulators. This means that capacitance loading is important to the
performance of the regulator because it is a vital part of the control loop. The capacitor value and its equivalent
series resistance (ESR) both affect the control loop and must be defined for the load range and temperature
range. Figure 1 shows the recommended range of ESR for a given load with a 10-
μF capacitor on the output.
Copyright © 1987–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com