Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL750L05CLP.A Datasheet(PDF) 3 Page - Texas Instruments

Part # TL750L05CLP.A
Description  LOW-DROPOUT VOLTAGE REGULATORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL750L05CLP.A Datasheet(HTML) 3 Page - Texas Instruments

  TL750L05CLP.A Datasheet HTML 1Page - Texas Instruments TL750L05CLP.A Datasheet HTML 2Page - Texas Instruments TL750L05CLP.A Datasheet HTML 3Page - Texas Instruments TL750L05CLP.A Datasheet HTML 4Page - Texas Instruments TL750L05CLP.A Datasheet HTML 5Page - Texas Instruments TL750L05CLP.A Datasheet HTML 6Page - Texas Instruments TL750L05CLP.A Datasheet HTML 7Page - Texas Instruments TL750L05CLP.A Datasheet HTML 8Page - Texas Instruments TL750L05CLP.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
TL750L
TL751L
www.ti.com.................................................................................................................................... SLVS017U – SEPTEMBER 1987 – REVISED SEPTEMBER 2009
Absolute Maximum Ratings
(1)
over operating junction temperature range (unless otherwise noted)
MIN
MAX
UNIT
Continuous input voltage
26
V
Transient input voltage(2)
TA = 25°C
60
V
Continuous reverse input voltage
–15
V
Transient reverse input voltage
t
≤ 100 ms
–50
V
TJ
Operating virtual junction temperature
150
°C
Lead temperature
1,6 mm (1/16 in) for 10 s
260
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The transient input voltage rating applies to the waveform shown in Figure 1.
Package Thermal Data
(1)
PACKAGE
BOARD
θJC
θJA
PDIP (P)
High K, JESD 51-7
57°C/W
85°C/W
PowerFLEX™ (KTE)
High K, JESD 51-5
3°C/W
23°C/W
SOIC (D)
High K, JESD 51-7
39°C/W
97°C/W
TO-226/TO-92 (LP)
High K, JESD 51-7
55°C/W
140°C/W
TO-220 (KC)
High K, JESD 51-5
3°C/W
19°C/W
TO-220 (KCS)
High K, JESD 51-5
3°C/W
19°C/W
TO-252 (KVU)
High K, JESD 51-5
–
30.3°C/W
TO-263 (KTT)
High K, JESD 51-5
18°C/W
25.3°C/W
(1)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
Recommended Operating Conditions
over recommended operating junction temperature range (unless otherwise noted)
MIN
MAX
UNIT
TL75xL05
6
26
TL75xL08
9
26
VI
Input voltage
V
TL75xL10
11
26
TL75xL12
13
26
VIH
High-level ENABLE input voltage
TL75xLxx
2
15
V
TJ = 25°C
TL75xLxx
–0.3
0.8
VIL
(1)
Low-level ENABLE input voltage
V
TJ = 0°C to 125°C
TL75xLxx
–0.15
0.8
IO
Output current
TL75xLxx
0
150
mA
TJ
Operating virtual junction temperature
TL75xLxxC
0
125
°C
(1)
The algebraic convention, in which the least positive (most negative) value is designated minimum, is used in this data sheet for
ENABLE voltage levels and temperature only.
Copyright © 1987–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com