Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTS Datasheet(PDF) 7 Page - PANDUIT CORP.

Part # PTS
Description  Heavy Duty Cable Management Solutions
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PTS Datasheet(HTML) 7 Page - PANDUIT CORP.

Back Button PTS Datasheet HTML 3Page - PANDUIT CORP. PTS Datasheet HTML 4Page - PANDUIT CORP. PTS Datasheet HTML 5Page - PANDUIT CORP. PTS Datasheet HTML 6Page - PANDUIT CORP. PTS Datasheet HTML 7Page - PANDUIT CORP. PTS Datasheet HTML 8Page - PANDUIT CORP. PTS Datasheet HTML 9Page - PANDUIT CORP. PTS Datasheet HTML 10Page - PANDUIT CORP. PTS Datasheet HTML 11Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
visit www.panduit.com
The Pan-Ty® Wide Strap Extra Heavy cable ties provide an easy
to install way to secure hoses, tubing, wires and wiring bundles.
These cable ties feature a wide, thin body that is more flexible
and easier to install than the typical Heavy and Extra-Heavy
Cross section ties. The Wide Strap Extra Heavy cable tie has a
strong 120 lbs. loop tensile strength to provide secure support
for even high load applications. This new cable tie is ideal for
heavy duty applications such as Truck and Heavy Equipment.
Key Features and Benefits
Flexible Strap Body: Flexible cable tie body provides easier
insertion and installation than other heavy and extra heavy cross
section cable ties.
Minimizing Pinching: The wide .5" design of the cable tie body
minimizes pinching on hoses and tubing compared with typical
cable ties.
Versatile Material: New Nylon 6/6 material is Heat stabilized
(115° C), UV weather resistant and impact modified.
Provides excellent tensile strength that is expected with a Heavy
Cross Section design. These cable ties install quickly and more
easily than the typical Heavy Cross section ties. This innovative
design allows no-slip gripping of the tip along with the ability to
cinch with one hand. Installation with Panduit GTH-E or GS4H-E
cable tie hand tools provides faster installation, exact bundle
tension and smooth tie cut off. This flexible heavy coss section
is ideal for heavy duty applications such as Truck, Bus, and
Heavy Equipment.
Key Features and Benefits
Flexible Strap Body: Allows installation of the cable with one
hand.
Improved Tip Design: No-slip gripping of tail on initial insertion.
Flexible Locking Design: Provides a low thread force for quick
and easy installation to improve productivity and worker safety.
Lower Tool Tension Settings Required: Easier, faster
installation with lower installer effort to install ties to proper
tension settings.
Material Options: Available in both weather resistant (-0) and
heat stabilized (-30) materials for application versatility.
Pan-Ty® Wide Strap Extra Heavy Cable Ties
Pan-Ty® Cable Tie PLT4H - Flexible Heavy Cross Section
Heavy Duty Wide Strap Cable Ties
Part Number
Max. Bundle Dia.
Length
Width
Thickness
Min. Loop
Tensile
Recommended
Installation
Tool
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
In.
mm
In.
mm
Lbs.
N
PLWS2EH-TL350
2.25
57.15
9.1
231.10
0.5
12.7
0.055
1.4
120
533.8
GS4EH-E
PPTEH
250
2,500
PLWS3EH-TL350
3.25
82.55
12.1
307.34
0.5
12.7
120
533.8
GS4EH-E
PPTEH
250
2,500
PLWS4EH-TL350
4.125
104.775
15.1
383.54
0.5
12.7
120
533.8
GS4EH-E
PPTEH
250
2,500
Part Number
Length
Width
Thickness
Max.
Bundle Dia.
Min. Loop
Tensile Str.
Material
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
In.
mm
In.
mm
Lbs.
N
PLT4H-TL0/147
14.5
368
0.300
7.6
0.060
1.5
4.11
104.5
120
534
Weather resistant nylon 6.6
250
2500
PLT4H-TL30/147
14.5
368
0.060
7.6
0.060
1.5
4.11
104.5
120
534
Heat stabilized nylon 6.6
250
2500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com