Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTS Datasheet(PDF) 13 Page - PANDUIT CORP.

Part # PTS
Description  Heavy Duty Cable Management Solutions
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PTS Datasheet(HTML) 13 Page - PANDUIT CORP.

Back Button PTS Datasheet HTML 8Page - PANDUIT CORP. PTS Datasheet HTML 9Page - PANDUIT CORP. PTS Datasheet HTML 10Page - PANDUIT CORP. PTS Datasheet HTML 11Page - PANDUIT CORP. PTS Datasheet HTML 12Page - PANDUIT CORP. PTS Datasheet HTML 13Page - PANDUIT CORP. PTS Datasheet HTML 14Page - PANDUIT CORP. PTS Datasheet HTML 15Page - PANDUIT CORP. PTS Datasheet HTML 16Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
visit www.panduit.com
13
GTS-E
GS2B-E
GTH-E
GS4H-E
GS4EH-E
Part Number
Used with
Cable Ties
Weight
Part Features
Standards
Std.
Pkg.
Qty.
Oz.
g
GTS-E
SM, M, I, S
13.6
385.6 Trigger Handle: Black, Selector Knob: Black,
Cushioned Handle: Black, Material: Aluminum
QPL per Mil. Std. SAE AS81306 and Mil.
Spec. SAE AS90387
Mil. Spec. Part Number MS90387-1
1
GS2B-E
M, I, S
11.5
327
Metal tool with a durable powder
coat finish.
1
GTH-E
S, HS, LH, H
11.9
337
Ergonomic design with impact resistant resin
housing, narrow nose, and cushion handle.
QPL per Mil. Std. SAE AS81306 and
Mil. Spec. SAE AS90387 Mil. Spec. Part
Number MS90387-2
1
GS4H-E
S, HS, LH, H
15.4
436.6 Trigger Handle: Red, Selector Knob: Red,
Cushioned Handle: Red, Material: Aluminum
1
GS4EH-E
LH, H, EH
15.4
436.6 Trigger Handle: Blue, Selector Knob: Blue,
Cushioned Handle: Blue, Material: Aluminum
1
PTS
SM, M, I, S
17.3
490
Ergonomic design with impact resistant resin
housing and black knob; replacement parts can be
part of a scheduled maintenance program
1
PTH
S, HS, LH, H
32.0
907
Ergonomic design with impact resistant resin
housing and red knob; replacement parts can be
part of a scheduled maintenance program
1
Cable tie cross section sizes: SM = Subminiature, M = Miniature, I = Intermediate, S = Standard, HS = Heavy-Standard, LH = Light-Heavy, H = Heavy,
EH = Extra-Heavy. Note: All pneumatic hand tools require the PPH10 hose and PL289N1 filter/regulator for proper operation.
• Used in production, maintenance, or construction applications
• Tool controlled tension provides flush cut-off and speeds
installation to lower installed cost
• Lightweight and balanced
• Easy to change tension adjustment and easy to operate
• A combination of design, operation, and construction features,
provides a long service life
• Replacement blades available
• No special maintenance required
Key Features and Benefits
• Improved cable tie cut-off mechanism that minimizes the
impact to the installer's hand by more than 40% – the lowest in
the industry
• Low handle force required to cut-off the cable tie – 15% lower
handle force than comparable tools
• Pneumatic, push button operation tensions and cuts off excess
tie in a fraction of a second
• Durable, lightweight, ergonomic design is easy to operate and
designed to reduce operator fatigue
• Easy to change tension adjustment
• Operates on non-lubricated air, without
special maintenance
Cable Tie Tools – Tool Controlled Tension and Cut-Off
Pneumatic Hand Tools – Tool Controlled Tension and Cut-Off
Ergonomic Metal Cable Tie Hand Tools
PTS
PTH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com