Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTS Datasheet(PDF) 10 Page - PANDUIT CORP.

Part # PTS
Description  Heavy Duty Cable Management Solutions
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PTS Datasheet(HTML) 10 Page - PANDUIT CORP.

Back Button PTS Datasheet HTML 6Page - PANDUIT CORP. PTS Datasheet HTML 7Page - PANDUIT CORP. PTS Datasheet HTML 8Page - PANDUIT CORP. PTS Datasheet HTML 9Page - PANDUIT CORP. PTS Datasheet HTML 10Page - PANDUIT CORP. PTS Datasheet HTML 11Page - PANDUIT CORP. PTS Datasheet HTML 12Page - PANDUIT CORP. PTS Datasheet HTML 13Page - PANDUIT CORP. PTS Datasheet HTML 14Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Representative offering only, visit www.panduit.com for complete listing of products.
10
Panduit offers many accessories for mounting the Pan-Ty
Wide Strap Extra Heavy cable ties, including: extra-heavy
screw applied cable tie mounts (TMEH2), In addition to these
accessories, the Pan-Ty Wide Strap Extra Heavy cable ties are
also available pre-assembled with mounting accessories: Extra
Heavy Mounts.
Extra Heavy Tie Mounts
Screw Applied Tie Mounts
Heavy Duty Mounts and Assemblies with Wide Strap Cable Ties
Part Number
Used with Cable
Ties‡
Material
Color
Environment
Mounting Method
Std
Pkg.
Qty
Std
Ctn.
Qty
TMEH2S5-D350
M, I, S, HS, LH,
H, EH
Impact modified
heat stabilized
weather resistant
nylon 6.6
Black
Outdoors or
Indoors
#10 (M5) Scew
500
2,000
TMEH2S6-D350
1/4 (M6) Screw
500
2,000
TMEH2S8-D350
5/16 (M8) Screw
500
2,000
TMEH2S5-3E-C350
PLWS3EH-TL350
Wide Strap Cable
Tie pre-installed
#10 (M5) Scew
100
1,000
TMEH2S6-3E-C350
1/4 (M6) Screw
100
1,000
TMEH2S8-3E-C350
5/16 (M8) Screw
100
1,000
Part Number
Used with Cable
Ties‡
Material
Color
Environment
Mounting Method
Std
Pkg.
Qty
Std
Ctn.
Qty
TMEH-S8-Q0
M, I, S, HS, LH,
H, EH
Weather Resistant
Nylon 6.6
Black
Outdoors
#8 (M4) Screw
25
250
TMEH-S10-Q0
#10 (M5) Screw
25
250
TMEH-S25-Q0
1/4 (M6) Screw
25
250
TMEH-S10-C100
Weather Resistant
Polypropylene
#10 (M5) Screw
100
500
TMEH-S10-C109
Polypropylene
Green
Indoors
#10 (M5) Scew
100
500
B
1.05"
(26.7)
C
A
• Unique cradle design provides maximum stability for
cable bundle
• Route and support large diameter and heavy cable bundles.
‡Cable tie cross section sizes: M = Miniature, I = Intermediate, S = Standard, HS = Heavy-Standard, LH = Light-Heavy, H = Heavy,
EH = Extra-Heavy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com