Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP005992 Datasheet(PDF) 7 Page - Multicomp Pro

Part # MP005992
Description  Cement Fixed Resistors Axial Leaded
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MP005992 Datasheet(HTML) 7 Page - Multicomp Pro

Back Button MP005992 Datasheet HTML 3Page - Multicomp Pro MP005992 Datasheet HTML 4Page - Multicomp Pro MP005992 Datasheet HTML 5Page - Multicomp Pro MP005992 Datasheet HTML 6Page - Multicomp Pro MP005992 Datasheet HTML 7Page - Multicomp Pro MP005992 Datasheet HTML 8Page - Multicomp Pro MP005992 Datasheet HTML 9Page - Multicomp Pro MP005992 Datasheet HTML 10Page - Multicomp Pro MP005992 Datasheet HTML 11Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Page <7>
V1.0
05/01/21
Cement Fixed Resistors
Axial Leaded
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Description
Part Number
Axial Leaded Wire Wound Resistor, 7W, 20R, ±5%
MCPRW07WJW200B00
Axial Leaded Wire Wound Resistor, 7W, 33R, ±5%
MCPRW07WJW330B00
Axial Leaded Wire Wound Resistor, 10W, 0.1R, ±5%
MP006085
Axial Leaded Wire Wound Resistor, 10W, 0.12R, ±5%
MP006086
Axial Leaded Wire Wound Resistor, 10W, 0.15R, ±5%
MP006087
Axial Leaded Wire Wound Resistor, 10W, 0.18R, ±5%
MP006088
Axial Leaded Wire Wound Resistor, 10W, 0.2R, ±5%
MP006089
Axial Leaded Wire Wound Resistor, 10W, 0.22R, ±5%
MP006090
Axial Leaded Wire Wound Resistor, 10W, 0.24R, ±5%
MP006091
Axial Leaded Wire Wound Resistor, 10W, 0.27R, ±5%
MP006092
Axial Leaded Wire Wound Resistor, 10W, 0.3R, ±5%
MP006093
Axial Leaded Wire Wound Resistor, 10W, 0.33R, ±5%
MP006094
Axial Leaded Wire Wound Resistor, 10W, 0.36R, ±5%
MP006095
Axial Leaded Wire Wound Resistor, 10W, 0.39R, ±5%
MP006096
Axial Leaded Wire Wound Resistor, 10W, 0.43R, ±5%
MP006097
Axial Leaded Wire Wound Resistor, 10W, 0.47R, ±5%
MP006098
Axial Leaded Wire Wound Resistor, 10W, 0.51R, ±5%
MP006099
Axial Leaded Wire Wound Resistor, 10W, 0.56R, ±5%
MP006100
Axial Leaded Wire Wound Resistor, 10W, 0.62R, ±5%
MP006101
Axial Leaded Wire Wound Resistor, 10W, 0.68R, ±5%
MP006102
Axial Leaded Wire Wound Resistor, 10W, 0.75R, ±5%
MP006103
Axial Leaded Wire Wound Resistor, 10W, 0.82R, ±5%
MP006104
Axial Leaded Wire Wound Resistor, 10W, 0.91R, ±5%
MP006105
Axial Leaded Wire Wound Resistor, 10W, 1R, ±5%
MCPRW0AWJW10JB00
Axial Leaded Wire Wound Resistor, 10W, 1.2R, ±5%
MP006107
Axial Leaded Wire Wound Resistor, 10W, 1.5R, ±5%
MP006108
Axial Leaded Wire Wound Resistor, 10W, 1.8R, ±5%
MP006109
Axial Leaded Wire Wound Resistor, 10W, 2R, ±5%
MCPRW0AWJW20JB00
Axial Leaded Wire Wound Resistor, 10W, 2.2R, ±5%
MP006111
Axial Leaded Wire Wound Resistor, 10W, 2.7R, ±5%
MCPRW0AWJW27JB00
Axial Leaded Wire Wound Resistor, 10W, 3R, ±5%
MCPRW0AWJW30JB00
Axial Leaded Wire Wound Resistor, 10W, 3.3R, ±5%
MP006113
Axial Leaded Wire Wound Resistor, 10W, 3.9R, ±5%
MP006114
Axial Leaded Wire Wound Resistor, 10W, 4.7R, ±5%
MP006115
Axial Leaded Wire Wound Resistor, 10W, 5.1R, ±5%
MP006116
Axial Leaded Wire Wound Resistor, 10W, 5.6R, ±5%
MCPRW0AWJW56JB00
Axial Leaded Wire Wound Resistor, 10W, 6.8R, ±5%
MP006118
Axial Leaded Wire Wound Resistor, 10W, 7.5R, ±5%
MCPRW0AWJW75JB00
Axial Leaded Wire Wound Resistor, 10W, 8.2R, ±5%
MP006119



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com