Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP005992 Datasheet(PDF) 8 Page - Multicomp Pro

Part # MP005992
Description  Cement Fixed Resistors Axial Leaded
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MP005992 Datasheet(HTML) 8 Page - Multicomp Pro

Back Button MP005992 Datasheet HTML 3Page - Multicomp Pro MP005992 Datasheet HTML 4Page - Multicomp Pro MP005992 Datasheet HTML 5Page - Multicomp Pro MP005992 Datasheet HTML 6Page - Multicomp Pro MP005992 Datasheet HTML 7Page - Multicomp Pro MP005992 Datasheet HTML 8Page - Multicomp Pro MP005992 Datasheet HTML 9Page - Multicomp Pro MP005992 Datasheet HTML 10Page - Multicomp Pro MP005992 Datasheet HTML 11Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Page <8>
V1.0
05/01/21
Cement Fixed Resistors
Axial Leaded
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Description
Part Number
Axial Leaded Wire Wound Resistor, 10W, 10R, ±5%
MCPRW0AWJW100B00
Axial Leaded Wire Wound Resistor, 10W, 12R, ±5%
MP006121
Axial Leaded Wire Wound Resistor, 10W, 15R, ±5%
MP006122
Axial Leaded Wire Wound Resistor, 10W, 18R, ±5%
MP006123
Axial Leaded Wire Wound Resistor, 10W, 20R, ±5%
MCPRW0AWJW200B00
Axial Leaded Wire Wound Resistor, 10W, 22R, ±5%
MP006124
Axial Leaded Wire Wound Resistor, 10W, 27R, ±5%
MCPRW0AWJW270B00
Axial Leaded Wire Wound Resistor, 10W, 30R, ±5%
MCPRW0AWJW300B00
Axial Leaded Wire Wound Resistor, 10W, 33R, ±5%
MP006126
Axial Leaded Wire Wound Resistor, 10W, 39R, ±5%
MP006127
Axial Leaded Wire Wound Resistor, 10W, 39R, ±5%
MCPRW0AWJW390B00
Axial Leaded Wire Wound Resistor, 10W, 43R, ±5%
MCPRW0AWJW430B00
Axial Leaded Wire Wound Resistor, 10W, 47R, ±5%
MCPRW0AWJW470B00
Axial Leaded Wire Wound Resistor, 10W, 56R, ±5%
MCPRW0AWJW560B00
Axial Leaded Wire Wound Resistor, 10W, 68R, ±5%
MCPRW0AWJW680B00
Axial Leaded Wire Wound Resistor, 10W, 75R, ±5%
MCPRW0AWJW750B00
Axial Leaded Wire Wound Resistor, 10W, 82R, ±5%
MCPRW0AWJW820B00
Axial Leaded Wire Wound Resistor, 10W, 100R, ±5%
MP006133
Axial Leaded Wire Wound Resistor, 10W, 120R, ±5%
MP006134
Axial Leaded Wire Wound Resistor, 10W, 150R, ±5%
MCPRW0AWJW151B00
Axial Leaded Wire Wound Resistor, 10W, 180R, ±5%
MP006136
Axial Leaded Wire Wound Resistor, 10W, 220R, ±5%
MP006137
Axial Leaded Wire Wound Resistor, 10W, 270R, ±5%
MP006138
Axial Leaded Wire Wound Resistor, 10W, 330R, ±5%
MP006139
Axial Leaded Wire Wound Resistor, 10W, 390R, ±5%
MCPRW0AWJW391B00
Axial Leaded Wire Wound Resistor, 10W, 470R, ±5%
MP006141
Axial Leaded Wire Wound Resistor, 10W, 560R, ±5%
MP006142
Axial Leaded Wire Wound Resistor, 10W, 680R, ±5%
MP006143
Axial Leaded Wire Wound Resistor, 10W, 750R, ±5%
MCPRW0AWJW751B00
Axial Leaded Wire Wound Resistor, 10W, 820R, ±5%
MCPRW0AWJW821B00
Axial Leaded Power Film Resistor, 10W, 1K, ±5%
MCPRW0AWJP102B00
Axial Leaded Power Film Resistor, 10W, 1.2K, ±5%
MP006067
Axial Leaded Power Film Resistor, 10W, 1.5K, ±5%
MP006068
Axial Leaded Power Film Resistor, 10W, 1.8K, ±5%
MP006069
Axial Leaded Power Film Resistor, 10W, 2.2K, ±5%
MP006070
Axial Leaded Power Film Resistor, 10W, 2.7K, ±5%
MP006071
Axial Leaded Power Film Resistor, 10W, 3.3K, ±5%
MP006072
Axial Leaded Power Film Resistor, 10W, 3.9K, ±5%
MP006073
Axial Leaded Power Film Resistor, 10W, 4.7K, ±5%
MP006074



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com