Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP005992 Datasheet(PDF) 1 Page - Multicomp Pro

Part # MP005992
Description  Cement Fixed Resistors Axial Leaded
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MP005992 Datasheet(HTML) 1 Page - Multicomp Pro

  MP005992 Datasheet HTML 1Page - Multicomp Pro MP005992 Datasheet HTML 2Page - Multicomp Pro MP005992 Datasheet HTML 3Page - Multicomp Pro MP005992 Datasheet HTML 4Page - Multicomp Pro MP005992 Datasheet HTML 5Page - Multicomp Pro MP005992 Datasheet HTML 6Page - Multicomp Pro MP005992 Datasheet HTML 7Page - Multicomp Pro MP005992 Datasheet HTML 8Page - Multicomp Pro MP005992 Datasheet HTML 9Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Page <1>
V1.0
05/01/21
Cement Fixed Resistors
Axial Leaded
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Specifications
Rated Power
: 1W, 2W, 3W, 5W, 7W, 10W, 15W, 20W and 25W
Max. Working Voltage
: 500V
Max. Overload Voltage
: 1000V
Rated Ambient Temp.
: +70°C
Operating Temp. Range
: -55°C to +155°C
Resistance Tolerance
: ±5% & ±10%
Power Rating
Resistors shall have a power rating based on continuous full load operation at an ambient temperature of 70°C
Voltage Rating
Resistors shall have a rated direct-current (DC) continuous working voltage or an approximate sine-wave root-mean-square
(RMS) alternating-current (AC) continuous working voltage at commercial line frequency and waveform corresponding to the
power rating , as determined from the following formula:
RCWV = √ P x R
RCWV = Rated DC or RMS AC continuous working voltage at commercial-line frequency and waveform (Volt)
P = Power Rating (watt)
R = Nominal Resistance (ohm)
Heat Rise Chart
Derating Curve


Similar Part No. - MP005992

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
MP005 CHENG-YI-MP005 Datasheet
156Kb / 2P
15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
MP005 CHENG-YI-MP005 Datasheet
154Kb / 2P
15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
logo
Elektron Components Ltd...
MP0050 BULGIN-MP0050 Datasheet
1Mb / 24P
Switches
MP0050 BULGIN-MP0050 Datasheet
74Kb / 1P
Stainless Steel Large Diameter Vandal Resistant - Momentary
MP0050/2 BULGIN-MP0050/2 Datasheet
1Mb / 24P
Switches
More results

Similar Description - MP005992

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
W30 WELWYN-W30 Datasheet
116Kb / 2P
Cement Coated Wirewound Resistors
logo
Tyco Electronics
H8100RBYB MACOM-H8100RBYB Datasheet
196Kb / 4P
Axial Leaded Precision Resistors
1773230 MACOM-1773230 Datasheet
196Kb / 4P
Axial Leaded Precision Resistors
H8221RBYA MACOM-H8221RBYA Datasheet
196Kb / 4P
Axial Leaded Precision Resistors
H8536RBYA MACOM-H8536RBYA Datasheet
209Kb / 3P
Axial Leaded Precision Resistors
logo
Vishay Siliconix
G200 VISHAY-G200 Datasheet
133Kb / 7P
Axial Vitreous Leaded Wirewound Resistors
28-Mar-17
WSZ6720 VISHAY-WSZ6720 Datasheet
95Kb / 4P
Leaded Wirewound Resistors, Surface Mount, Cement Coated, High Power
16-Jan-2020
logo
RFE international
SQHG RFE-SQHG Datasheet
467Kb / 2P
CEMENT BOX POWER RESISTORS
2019.12.31
SQT RFE-SQT Datasheet
462Kb / 2P
CEMENT BOX POWER RESISTORS
2019.12.24
SQZ RFE-SQZ Datasheet
463Kb / 2P
CEMENT BOX POWER RESISTORS
2019.12.31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com