Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC243F Datasheet(PDF) 5 Page - Texas Instruments

Part # CD54HC243F
Description  CDx4HC243, CDx4HCT243 High-Speed CMOS Logic Quad-Bus Transceiver with Three-State Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC243F Datasheet(HTML) 5 Page - Texas Instruments

  CD54HC243F Datasheet HTML 1Page - Texas Instruments CD54HC243F Datasheet HTML 2Page - Texas Instruments CD54HC243F Datasheet HTML 3Page - Texas Instruments CD54HC243F Datasheet HTML 4Page - Texas Instruments CD54HC243F Datasheet HTML 5Page - Texas Instruments CD54HC243F Datasheet HTML 6Page - Texas Instruments CD54HC243F Datasheet HTML 7Page - Texas Instruments CD54HC243F Datasheet HTML 8Page - Texas Instruments CD54HC243F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5.4 Electrical Characteristics
PARAMETER
TEST
CONDITIONS
(1)
VCC (V)
25°C
-40°C to 85°C
-55°C to 125°C
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
VIH
High-level input voltage
2
1.5
1.5
1.5
V
4.5
3.15
3.15
3.15
6
4.2
4.2
4.2
VIL
Low-level input voltage
2
0.5
0.5
0.5
V
4.5
1.35
1.35
1.35
6
1.8
1.8
1.8
VOH
High-level output voltage
CMOS loads
IOH = – 20μA
2
1.9
1.9
1.9
V
IOH = – 20μA
4.5
4.4
4.4
4.4
IOH = – 20μA
6
5.9
5.9
5.9
High-level output voltage
TTL loads
IOH = – 6mA
4.5
3.98
3.84
3.7
IOH = – 7.8mA
6
5.48
5.34
5.2
VOL
Low-level output voltage
CMOS loads
IOL = 20μA
2
0.1
0.1
0.1
V
IOL = 20μA
4.5
0.1
0.1
0.1
IOL = 20μA
6
0.1
0.1
0.1
Low-level output voltage
TTL
IOL = 6mA
4.5
0.26
0.33
0.4
IOL = 7.8mA
6
0.26
0.33
0.4
II
Input leakage current
VCC or GND
6
±0.1
±1
±1
µA
ICC
Supply Current
VCC or GND
6
8
80
160
µA
IOZ
Three-state leakage
current
VIL or VIH
6
±0.5
±0.5
±10
µA
HCT TYPES
VIH
High-level input voltage
4.5 to 5.5
2
2
2
V
VIL
Low-level input voltage
4.5 to 5.5
0.8
0.8
0.8
V
VOH
High-level output voltage
CMOS loads
IOH = – 20μA
4.5
4.4
4.4
4.4
V
High-level output voltage
TTL loads
IOH = – 6mA
4.5
3.98
3.84
3.7
VOL
Low-level output voltage
CMOS loads
IOL = 20μA
4.5
0.1
0.1
0.1
V
Low-level output voltage
TTL loads
IOL = 6mA
4.5
0.26
0.33
0.4
II
Input leakage current
VCC to GND
5.5
±0.1
±1
±1
µA
ICC
Supply current
VCC or GND
5.5
8
80
160
µA
∆ICC (2)
(3)
Additional supply current
per input pin
One of An or Bn
4.5 to 5.5
100
396
495
539
µA
One of OEA or
OEB
4.5 to 5.5
100
216
270
294
IOZ
Three-state leakage
current
VIL or VIH
5.5
±0.5
±5
±10
µA
(1)
VI = VIH or VIL, unless otherwise noted.
(2)
For dual-supply systems theoretical worst case (VI = 2.4 V, VCC = 5.5 V) specification is 1.8 mA.
(3)
Inputs held at VCC – 2.1.
www.ti.com
CD54HC243, CD74HC243, CD54HCT243, CD74HCT243
SCHS168E – NOVEMBER 1998 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: CD54HC243 CD74HC243 CD54HCT243 CD74HCT243



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com