Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC243F Datasheet(PDF) 6 Page - Texas Instruments

Part # CD54HC243F
Description  CDx4HC243, CDx4HCT243 High-Speed CMOS Logic Quad-Bus Transceiver with Three-State Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC243F Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD54HC243F Datasheet HTML 2Page - Texas Instruments CD54HC243F Datasheet HTML 3Page - Texas Instruments CD54HC243F Datasheet HTML 4Page - Texas Instruments CD54HC243F Datasheet HTML 5Page - Texas Instruments CD54HC243F Datasheet HTML 6Page - Texas Instruments CD54HC243F Datasheet HTML 7Page - Texas Instruments CD54HC243F Datasheet HTML 8Page - Texas Instruments CD54HC243F Datasheet HTML 9Page - Texas Instruments CD54HC243F Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
5.5 Switching Characteristics
Input tt = 6ns. Unless otherwise specified, CL = 50pF
PARAMETER
VCC (V)
25°C
-40°C to
85°C
-55°C to
125°C
UNIT
TYP
MAX
MAX
MAX
HC TYPES
tpd
Propagation delay data to outputs
2
90
115
135
ns
4.5
7
(1)
18
23
27
6
15
20
23
tPZL, tPZH
Output high-Z, to high level to low level
2
150
190
225
ns
4.5
12
(1)
30
38
45
6
26
33
38
tPHZ, tPLZ
Output high level, output low level to
high-Z
2
150
190
225
ns
4.5
12
(1)
30
38
45
6
26
33
38
tt
Output transition times
2
60
75
90
ns
4.5
12
15
18
6
10
13
15
Ci
Input capacitance
10
10
10
pF
CO
Three-state output capacitance
20
20
20
pF
Cpd (2) (3)
Power dissipation capacitance
5
80
pF
HCT TYPES
tpd
Propagation delay data to outputs
4.5
9
(1)
22
28
33
ns
tPZH, tPLZ
Output high-Z to high level to low level
4.5
14
(1)
34
43
51
ns
tPHZ, tPLZ
Output high level, output low level to
high-Z
4.5
14
(1)
35
44
53
ns
tt
Output transition times
4.5
12
15
18
ns
Ci
Input capacitance
10
10
10
pF
CO
Three-state output capacitance
20
20
20
pF
Cpd (2) (3)
Power dissipation capacitance
5
91
pF
(1)
Typical value tested at 5V, CL = 15pF.
(2)
CPD is used to determine the dynamic power consumption, per channel.
(3)
PD = VCC 2fi (CPD + CL) where fi = Input Frequency, fO = Output Frequency, CL = Output Load Capacitance, VCC = Supply Voltage.
CD54HC243, CD74HC243, CD54HCT243, CD74HCT243
SCHS168E – NOVEMBER 1998 – REVISED MARCH 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CD54HC243 CD74HC243 CD54HCT243 CD74HCT243



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com