Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC243F Datasheet(PDF) 1 Page - Texas Instruments

Part # CD54HC243F
Description  CDx4HC243, CDx4HCT243 High-Speed CMOS Logic Quad-Bus Transceiver with Three-State Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC243F Datasheet(HTML) 1 Page - Texas Instruments

  CD54HC243F Datasheet HTML 1Page - Texas Instruments CD54HC243F Datasheet HTML 2Page - Texas Instruments CD54HC243F Datasheet HTML 3Page - Texas Instruments CD54HC243F Datasheet HTML 4Page - Texas Instruments CD54HC243F Datasheet HTML 5Page - Texas Instruments CD54HC243F Datasheet HTML 6Page - Texas Instruments CD54HC243F Datasheet HTML 7Page - Texas Instruments CD54HC243F Datasheet HTML 8Page - Texas Instruments CD54HC243F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
CDx4HC243, CDx4HCT243 High-Speed CMOS Logic Quad-Bus Transceiver with
Three-State Outputs
1 Features
• Typical propagation delay (A to B, B to A) of 7ns at
VCC = 5 V, CL = 15pF, TA = 25oC
• Three-state outputs
• Buffered inputs
• Fanout (over temperature range)
– Standard outputs : 10 LSTTL loads
– Bus driver outputs : 15 LSTTL loads
• Wide operating temperature range : -55oC to
125oC
• Balanced propagation delay and transition times
• Significant power reduction compared to LSTTL
logic ICs
• HC types
– 2 V to 6 V Operation
– High noise immunity: NIL = 30%, NIH = 30% of
VCC at VCC = 5V
• HCT types
– 4.5 V to 5.5 V operation
– Direct LSTTL input logic compatibility, VIL= 0.8
V (Max), VIH = 2 V (Min)
– CMOS input compatibility, Il ≤ 1µA at VOL, VOH
2 Description
The CDx4HC243 and CDx4HCT243 are quad bus
transceivers with 3-state outputs. The OEA and OEB
inputs control both the high-impedance state as well
as the direction of communication through the device.
Device Information
PART NUMBER
PACKAGE
(1)
BODY SIZE (NOM)
CD54HC243F
CDIP (14)
19.55 mm × 6.71 mm
CD74HC243E
PDIP (14)
19.31 mm × 6.35 mm
CD74HC243M
SOIC (14)
8.65 mm × 3.90 mm
CD74HCT243E
PDIP (14)
19.31 mm × 6.35 mm
CD74HCT243M
SOIC (14)
8.65 mm × 3.90 mm
(1)
For all packages see the orderable addendum at the end of
the datasheet.
Ax
Bx
OEB
OEA
1 of 4 Channels
Functional Block Diagram
CD54HC243, CD74HC243, CD54HCT243, CD74HCT243
SCHS168E – NOVEMBER 1998 – REVISED MARCH 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CD54HC243F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC243F TI-CD54HC243F Datasheet
280Kb / 12P
High-Speed CMOS Logic Quad-Bus Transceiver with Three-State Outputs
CD54HC243F TI-CD54HC243F Datasheet
444Kb / 14P
High-Speed CMOS Logic Quad-Bus Transceiver with Three-State Outputs
CD54HC243F3A TI-CD54HC243F3A Datasheet
280Kb / 12P
High-Speed CMOS Logic Quad-Bus Transceiver with Three-State Outputs
CD54HC243F3A TI-CD54HC243F3A Datasheet
444Kb / 14P
High-Speed CMOS Logic Quad-Bus Transceiver with Three-State Outputs
More results

Similar Description - CD54HC243F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC640 TI-CD74HC640 Datasheet
37Kb / 8P
High Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD74HC652 TI-CD74HC652 Datasheet
72Kb / 12P
High-Speed CMOS Logic Octal-Bus Transceiver/Registers, Three-State
CD74HCT242 TI-CD74HCT242 Datasheet
48Kb / 7P
High Speed CMOS Logic Quad-Bus Transceiver with Three-State Outputs
logo
Advanced Micro Devices
AM2917A AMD-AM2917A Datasheet
209Kb / 8P
QUAD THREE STATE BUS TRANSCEIVER WITH INTERFACE LOGIC
logo
Texas Instruments
CD54HCT640 TI-CD54HCT640 Datasheet
268Kb / 11P
High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD54HC243 TI-CD54HC243 Datasheet
280Kb / 12P
High-Speed CMOS Logic Quad-Bus Transceiver with Three-State Outputs
CD54HC243 TI-CD54HC243_08 Datasheet
444Kb / 14P
High-Speed CMOS Logic Quad-Bus Transceiver with Three-State Outputs
CD54HC640 TI-CD54HC640_08 Datasheet
275Kb / 12P
High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD74HC646 TI1-CD74HC646 Datasheet
327Kb / 14P
High-Speed CMOS Logic Octal Bus Transceiver/Register, Three-State
CD74HC652 TI1-CD74HC652_15 Datasheet
139Kb / 13P
High-Speed CMOS Logic Octal-Bus Transceiver/Registers, Three-State
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com