Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7821 Datasheet(PDF) 12 Page - Texas Instruments

Part # DAC7821
Description  12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7821 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DAC7821 Datasheet HTML 8Page - Texas Instruments DAC7821 Datasheet HTML 9Page - Texas Instruments DAC7821 Datasheet HTML 10Page - Texas Instruments DAC7821 Datasheet HTML 11Page - Texas Instruments DAC7821 Datasheet HTML 12Page - Texas Instruments DAC7821 Datasheet HTML 13Page - Texas Instruments DAC7821 Datasheet HTML 14Page - Texas Instruments DAC7821 Datasheet HTML 15Page - Texas Instruments DAC7821 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
www.ti.com
APPLICATION INFORMATION
Stability Circuit
GND
I
1
OUT
R
FB
V
REF
V
REF
V
DD
V
DD
V
OUT
I
2
OUT
C
1
U1
U2
Amplifier Selection
DAC7821
SBAS365B – OCTOBER 2005 – REVISED JULY 2007
For a current-to-voltage design (see Figure 27), the DAC7821 current output (IOUT) and the connection with the
inverting node of the op amp should be as short as possible and according to correct printed circuit board (PCB)
layout design practices. For each code change, there is a step function. If the gain bandwidth product (GBP) of
the op amp is limited and parasitic capacitance is excessive at the inverting node, then gain peaking is possible.
Therefore, for circuit stability, compensation capacitor C1 (1pF to 5pF typ) can be added to the design, as shown
in Figure 27.
Figure 27. Gain Peaking Prevention Circuit with Compensation Capacitor
There are many choices and many differences in selecting the proper operational amplifier for a multiplying DAC
(MDAC). Making the analog signal out of the MDAC is one critical aspect. However, there are also other issues
to take into account such as amplifier noise, input bias current, and offset voltage, as well as MDAC resolution
and glitch energy. Table 1 and Table 2 suggest some suitable operational amplifiers for low power, fast settling,
and high-speed applications. A greater selection of operational amplifiers can be found at www.ti.com/amplifer.
Table 1. Suitable Precision Operational Amplifiers from Texas Instruments
IQ
TOTAL
TOTAL
PER
SLEW
OFFSET
SUPPLY
SUPPLY
CHANNEL
GBW
RATE
DRIFT
IIB
CMRR
VOLTAGE
VOLTAGE
(max)
(typ)
(typ)
(typ)
(max)
(min)
PACKAGE/
PRODUCT
(V) (min)
(V) (max)
(mA)
(MHz)
(V/
μs)
(
μV/
°C)
(pA)
(dB)
LEAD
DESCRIPTION
Low Power
SOT5-23,
12V, CMOS, Rail-to-Rail I/O,
OPA703
4
12
0.2
1
0.6
4
10
70
PDIP-8,
Operational Amplifier
SOIC-8
0.05
μV/
°C (max),
SOT5-23,
Single-Supply CMOS
OPA735
2.7
12
0.75
1.6
1.5
0.01
200
115
SOIC-8
Zero-Drift Series Operational
Amplifier
Low Power, Single-Supply,
SOT5-23,
Rail-To-Rail Operational
OPA344
2.7
5.5
0.25
1
1
2.5
10
80
PDIP-8,
Amplifiers MicroAmplifier
SOIC-8
Series
SC5-70,
1MHz, 45
μA, Rail-to-Rail I/O,
OPA348
2.1
5.5
0.065
1
0.5
2
10
70
SOT5-23,
Single
SOIC-8
Op Amp
PDIP-8,
High Precision Operational
OPA277
4
36
0.825
1
0.8
0.1
1000
130
SOIC-8,
Amplifiers
SON-8
Fast Settling
High-Speed, Single-Supply,
MSOP-8,
Rail-to-Rail Operational
OPA350
2.7
5.5
7.5
38
22
4
10
76
PDIP-8,
Amplifiers MicroAmplifier
SOIC-8
Series
e-trim 20MHz, High
MSOP-8,
OPA727
4
12
6.5
20
30
0.6
500
86
Precision CMOS Operational
SON-8
Amplifier
PDIP-8,
High Precision, Low Noise
OPA227
5
36
3.8
8
2.3
0.1
10000
120
SOIC-8
Operational Amplifiers
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com