Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7821 Datasheet(PDF) 13 Page - Texas Instruments

Part # DAC7821
Description  12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7821 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC7821 Datasheet HTML 9Page - Texas Instruments DAC7821 Datasheet HTML 10Page - Texas Instruments DAC7821 Datasheet HTML 11Page - Texas Instruments DAC7821 Datasheet HTML 12Page - Texas Instruments DAC7821 Datasheet HTML 13Page - Texas Instruments DAC7821 Datasheet HTML 14Page - Texas Instruments DAC7821 Datasheet HTML 15Page - Texas Instruments DAC7821 Datasheet HTML 16Page - Texas Instruments DAC7821 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
www.ti.com
DAC7821
SBAS365B – OCTOBER 2005 – REVISED JULY 2007
Table 2. Suitable High Speed Operational Amplifiers from Texas Instruments (Multiple Channel Options)
SUPPLY
GBW
VOLTAGE
GBW
SLEW
VOS
VOS
CMRR
VOLTAGE
PRODUCT
NOISE
(typ)
RATE
(typ)
(max)
(min)
PACKAGE/
PRODUCT
(V)
(MHz)
nV/
√Hz
(MHz)
(V/
μs)
(
μV)
(
μV)
(dB)
LEAD
DESCRIPTION
Single Channel
Very Low-Power High Speed
SOT5-23,
Rail-To-Rail Input/Output
THS4281
±2.7 to ±15
38
12.5
35
500
3500
500
1000
MSOP-8,
Voltage Feedback
SOIC-8
Operational Amplifier
CDIP-8,
100-MHz Low Noise
THS4031
±4.5 to ±16.5
200
1.6
100
500
3000
3000
8000
MSOP-8,
Voltage-Feedback Amplifier
SOIC-8
SOIC-8,
High Speed FET-Input
THS4631
±4.5 to ±16.5
210
7
900
260
2000
50pA
2
MSOP-8
Operational Amplifier
Wideband, Unity Gain Stable
SOIC-8,
OPA656
±4 to ±6
230
7
290
250
2600
2pA
5pA
FET-Input Operational
SOT5-23
Amplifier
Unity Gain Stable, Low
SOIC-8,
OPA820
±2.5 to ±6
280
2.5
240
200
1200
900
23,000
Noise, Voltage Feedback
SOT5-23
Operational Amplifier
Dual Channel
100-MHz Low Noise
SOIC-8,
THS4032
±4.5 to ±16.5
200
1.6
100
500
3000
3000
8000
Voltage-Feedback Amplifier,
MSOP-8
Dual
SpeedPlus Dual Wideband,
SOIC-8,
OPA2822
±2 to ±6.3
220
2
170
200
1200
9600
12000
Low-Noise Operational
MSOP-8
Amplifier
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com