Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC101S021CISDX/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # ADC101S021CISDX/NOPB
Description  ADC101S021 Single Channel, 50 to 200 ksps, 10-Bit A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC101S021CISDX/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  ADC101S021CISDX/NOPB Datasheet HTML 1Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 2Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 3Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 4Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 5Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 6Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 7Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 8Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
ADC101S021
www.ti.com
SNAS307G – JULY 2005 – REVISED JANUARY 2014
ADC101S021 Single Channel, 50 to 200 ksps, 10-Bit A/D Converter
Check for Samples: ADC101S021
1
FEATURES
DESCRIPTION
The ADC101S021 is a low-power, single channel
2
•
Specified Over a Range of Sample Rates.
CMOS 10-bit analog-to-digital converter with a high-
•
6-Lead WSON and SOT-23 Packages
speed
serial
interface.
Unlike
the
conventional
•
Variable Power Management
practice of specifying performance at a single sample
rate only, the ADC101S021 is fully specified over a
•
Single Power Supply with 2.7V - 5.25V Range
sample rate range of 50 ksps to 200 ksps. The
•
SPI™/QSPI™/MICROWIRE/DSP Compatible
converter is based upon a successive-approximation
register architecture with an internal track-and-hold
APPLICATIONS
circuit.
•
Portable Systems
The output serial data is straight binary, and is
•
Remote Data Acquisition
compatible with several standards, such as SPI™,
QSPI™, MICROWIRE, and many common DSP
•
Instrumentation and Control Systems
serial interfaces.
The ADC101S021 operates with a single supply that
can range from +2.7V to +5.25V. Normal power
consumption using a +3.6V or +5.25V supply is 2.34
mW and 8.9 mW, respectively. The power-down
feature reduces the power consumption to as low as
2.6 µW using a +5.25V supply.
The ADC101S021 is packaged in 6-lead WSON and
SOT-23 packages. Operation over the industrial
temperature range of
−40°C to +85°C is ensured.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2014, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADC101S021CISDX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC101S021CISDX/NOPB TI1-ADC101S021CISDX/NOPB Datasheet
1Mb / 23P
Single Channel, 50 to 200 ksps, 10-Bit A/D Converter
More results

Similar Description - ADC101S021CISDX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC108S022 NSC-ADC108S022 Datasheet
842Kb / 17P
8-Channel, 50 kSPS to 200 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC101S021CIMF TI-ADC101S021CIMF Datasheet
1Mb / 23P
ADC101S021 Single Channel, 50 to 200 ksps, 10-Bit A/D Converter
ADC102S021CIMM TI-ADC102S021CIMM Datasheet
1Mb / 25P
ADC102S021 2 Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC108S022 TI1-ADC108S022_14 Datasheet
1Mb / 25P
ADC108S022 8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC102S021 TI1-ADC102S021_14 Datasheet
1Mb / 26P
ADC102S021 2 Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC081S021 TI1-ADC081S021 Datasheet
1Mb / 29P
Single-Channel, 50-ksps to 200-ksps, 8-Bit A/D Converter
ADC101S021 TI1-ADC101S021 Datasheet
1Mb / 23P
Single Channel, 50 to 200 ksps, 10-Bit A/D Converter
ADC104S021 TI1-ADC104S021 Datasheet
1Mb / 27P
4-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC108S022 TI1-ADC108S022_15 Datasheet
1Mb / 25P
8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC121S021 TI1-ADC121S021 Datasheet
1Mb / 26P
Single-Channel, 50- to 200-ksps, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com