Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC101S021CISDX/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # ADC101S021CISDX/NOPB
Description  ADC101S021 Single Channel, 50 to 200 ksps, 10-Bit A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC101S021CISDX/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADC101S021CISDX/NOPB Datasheet HTML 7Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 8Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 9Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 10Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 11Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 12Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 13Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 14Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
ADC101S021
www.ti.com
SNAS307G – JULY 2005 – REVISED JANUARY 2014
Typical Performance Characteristics (continued)
TA = +25°C, fSAMPLE = 50 ksps to 200 ksps,fSCLK = 1 MHz to 4 MHz, fIN = 100 kHz unless otherwise stated.
SNR
SINAD
vs.
vs.
Clock Frequency
Clock Frequency
Figure 10.
Figure 11.
SFDR
THD
vs.
vs.
Clock Frequency
Clock Frequency
Figure 12.
Figure 13.
Power Consumption
vs.
Spectral Response, VA = 5.25V
Throughput,
fSCLK = 4 MHz
fSCLK = 4 MHz
Figure 14.
Figure 15.
Copyright © 2005–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADC101S021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com