Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC101S021CISDX/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # ADC101S021CISDX/NOPB
Description  ADC101S021 Single Channel, 50 to 200 ksps, 10-Bit A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC101S021CISDX/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADC101S021CISDX/NOPB Datasheet HTML 6Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 7Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 8Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 9Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 10Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 11Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 12Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 13Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
ADC101S021
SNAS307G – JULY 2005 – REVISED JANUARY 2014
www.ti.com
Typical Performance Characteristics
TA = +25°C, fSAMPLE = 50 ksps to 200 ksps,fSCLK = 1 MHz to 4 MHz, fIN = 100 kHz unless otherwise stated.
DNL
INL
fSCLK = 1 MHz
fSCLK = 1 MHz
Figure 4.
Figure 5.
DNL
INL
fSCLK = 4 MHz
fSCLK = 4 MHz
Figure 6.
Figure 7.
DNL
INL
vs.
vs.
Clock Frequency
Clock Frequency
Figure 8.
Figure 9.
10
Submit Documentation Feedback
Copyright © 2005–2014, Texas Instruments Incorporated
Product Folder Links: ADC101S021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com