Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5440IPFPR Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS5440IPFPR
Description  13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5440IPFPR Datasheet(HTML) 4 Page - Texas Instruments

  ADS5440IPFPR Datasheet HTML 1Page - Texas Instruments ADS5440IPFPR Datasheet HTML 2Page - Texas Instruments ADS5440IPFPR Datasheet HTML 3Page - Texas Instruments ADS5440IPFPR Datasheet HTML 4Page - Texas Instruments ADS5440IPFPR Datasheet HTML 5Page - Texas Instruments ADS5440IPFPR Datasheet HTML 6Page - Texas Instruments ADS5440IPFPR Datasheet HTML 7Page - Texas Instruments ADS5440IPFPR Datasheet HTML 8Page - Texas Instruments ADS5440IPFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
www.ti.com
ADS5440
SLAS467A – JULY 2005 – REVISED DECEMBER 2005
ELECTRICAL CHARACTERISTICS (continued)
MIN, TYP, and MAX values at T
A = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, sampling rate = 210 MSPS,
50% clock duty cycle, AV
DD = 5 V, DRVDD = 3.3 V, –1 dBFS differential input, and 3 VPP differential clock, unless otherwise
noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DYNAMIC AC CHARACTERISTICS
fIN = 10 MHz
69.8
fIN = 70 MHz
69.2
fIN = 100 MHz
TA = 25°C
67.5
69
Full Temp Range
67
69
SNR
Signal-to-noise ratio
dBc
fIN = 170 MHz
68.3
fIN = 230 MHz
68
fIN = 300 MHz
66.9
fIN = 400 MHz
65
fIN = 10 MHz
84
fIN = 70 MHz
77
TA = 25°C
70
76
fIN = 100 MHz
Full Temp Range
68
76
SFDR
Spurious free dynamic range
dBc
fIN = 170 MHz
74
fIN = 230 MHz
74
fIN = 300 MHz
69
fIN = 400 MHz
64
fIN = 10 MHz
96
fIN = 70 MHz
83
fIN = 100 MHz
87
HD2
Second harmonic
fIN = 170 MHz
76
dBc
fIN = 230 MHz
76
fIN = 300 MHz
69
fIN = 400 MHz
64
fIN = 10 MHz
84
fIN = 70 MHz
77
fIN = 100 MHz
76
HD3
Third harmonic
fIN = 170 MHz
74
dBc
fIN = 230 MHz
74
fIN = 300 MHz
73
fIN = 400 MHz
70
fIN = 10 MHz
92
fIN = 70 MHz
92
fIN = 100 MHz
87
Worst other harmonic/spur (other than
fIN = 170 MHz
87
dBc
HD2 and HD3)
fIN = 230 MHz
83
fIN = 300 MHz
83
fIN = 400 MHz
80
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com