Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5440IPFPR Datasheet(PDF) 11 Page - Texas Instruments

Part # ADS5440IPFPR
Description  13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5440IPFPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS5440IPFPR Datasheet HTML 7Page - Texas Instruments ADS5440IPFPR Datasheet HTML 8Page - Texas Instruments ADS5440IPFPR Datasheet HTML 9Page - Texas Instruments ADS5440IPFPR Datasheet HTML 10Page - Texas Instruments ADS5440IPFPR Datasheet HTML 11Page - Texas Instruments ADS5440IPFPR Datasheet HTML 12Page - Texas Instruments ADS5440IPFPR Datasheet HTML 13Page - Texas Instruments ADS5440IPFPR Datasheet HTML 14Page - Texas Instruments ADS5440IPFPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
www.ti.com
f − Frequency − MHz
−120
−100
−80
−60
−40
−20
0
0
10
20
30
40
50
60
70
80
90 100
SFDR = 69 dBc
SNR = 66.9 dBc
THD = 67.1 dBc
SINAD = 63.9 dBc
G005
f − Frequency − MHz
−120
−100
−80
−60
−40
−20
0
0
10
20
30
40
50
60
70
80
90 100
G006
SFDR = 63.3 dBc
SNR = 64.9 dBc
THD = 62.1 dBc
SINAD = 60.1 dBc
f − Frequency − MHz
−120
−100
−80
−60
−40
−20
0
0
10
20
30
40
50
60
70
80
90 100
FIN1 = 51.5 MHz, −7 dBFS
FIN2 = 52.5 MHz, −7 dBFS
IMD3 = 89.3 dBFS
G007
f − Frequency − MHz
−120
−100
−80
−60
−40
−20
0
0
10
20
30
40
50
60
70
80
90 100
FIN1 = 51.5 MHz, −16 dBFS
FIN2 = 52.5 MHz, −16 dBFS
IMD3 = 97.4 dBFS
G008
ADS5440
SLAS467A – JULY 2005 – REVISED DECEMBER 2005
TYPICAL CHARACTERISTICS (continued)
Spectral Performance
Spectral Performance
(FFT For 300-MHz Input Signal)
(FFT For 400-MHz Input Signal)
Figure 6.
Figure 7.
Two-Tone Intermodulation Distortion
Two-Tone Intermodulation Distortion
(FFT For 51.5-MHz and 52.5 MHz Input Signals)
(FFT For 51.5-MHz and 52.5 MHz Input Signals)
Figure 8.
Figure 9.
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com