Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5440IPFPR Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS5440IPFPR
Description  13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5440IPFPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS5440IPFPR Datasheet HTML 2Page - Texas Instruments ADS5440IPFPR Datasheet HTML 3Page - Texas Instruments ADS5440IPFPR Datasheet HTML 4Page - Texas Instruments ADS5440IPFPR Datasheet HTML 5Page - Texas Instruments ADS5440IPFPR Datasheet HTML 6Page - Texas Instruments ADS5440IPFPR Datasheet HTML 7Page - Texas Instruments ADS5440IPFPR Datasheet HTML 8Page - Texas Instruments ADS5440IPFPR Datasheet HTML 9Page - Texas Instruments ADS5440IPFPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
www.ti.com
TIMING CHARACTERISTICS
N
N+1
N+2
N+3
N+4
N
N−1
N−2
N−3
tA
tsu_c
th_c
th_DR
N + 1
N
N + 2
N + 3
N + 4
tC_DR
tCLK
tCLKL
CLK, CLK
D[12:0],
OVR, OVR
DRY, DRY
AIN
tCLKH
tDR
tsu_DR
T0073-01
tr
tf
TIMING CHARACTERISTICS
ADS5440
SLAS467A – JULY 2005 – REVISED DECEMBER 2005
Figure 1. Timing Diagram
Min, Typ, Max over full temperature range, 50% clock duty cycle, sampling rate = 210 MSPS, AV
DD = 5 V, DRVDD = 3.3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tA
Aperature delay
500
ps
tJ
Clock slope independent aperture uncertainty (jitter)
150
fs RMS
Latency
4
cycles
Clock Input
tCLK
Clock period
4.76
ns
tCLKH
Clock pulsewidth high
2.38
ns
tCLKL
Clock pulsewidth low
2.38
ns
Clock to DataReady (DRY)
tDR
Clock rising to DataReady falling
1.1
ns
tC_DR
Clock rising to DataReady rising
Clock duty cycle = 50% (1)
3.1
3.5
3.9
ns
Clock to DATA, OVR(2)
tr
Data rise time (20% to 80%)
0.6
ns
tf
Data fall time(80% to 20%)
0.6
ns
tsu_c
Data valid to clock (setup time)
3.5
ns
th_c
Clock to invalid Data (hold time)
0.2
ns
DataReady (DRY)/DATA, OVR(2)
tsu(DR)
Data valid to DRY
2.1
2.4
ns
th(DR)
DRY to invalid Data
0.9
1.3
ns
(1)
tC_DR = tDR + tCLKH for clock duty cycles other than 50%
(2)
Data is updated with clock falling edge or DRY rising edge.
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com