Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5542IPAPR Datasheet(PDF) 23 Page - Texas Instruments

Part # ADS5542IPAPR
Description  14-Bit, 80 MSPS Analog-To-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5542IPAPR Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADS5542IPAPR Datasheet HTML 19Page - Texas Instruments ADS5542IPAPR Datasheet HTML 20Page - Texas Instruments ADS5542IPAPR Datasheet HTML 21Page - Texas Instruments ADS5542IPAPR Datasheet HTML 22Page - Texas Instruments ADS5542IPAPR Datasheet HTML 23Page - Texas Instruments ADS5542IPAPR Datasheet HTML 24Page - Texas Instruments ADS5542IPAPR Datasheet HTML 25Page - Texas Instruments ADS5542IPAPR Datasheet HTML 26Page - Texas Instruments ADS5542IPAPR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
www.ti.com
POWER-SUPPLY SEQUENCE
AVDD
REFP
29
28
2 kW
1 W
1 mF
POWER-DOWN
REFERENCE CIRCUIT
29
30
31
R EF P
R EF M
IR EF
1 W
1 W
56.2 kW
1 mF
1 mF
ADS5542
SBAS308D – MAY 2004 – REVISED FEBRUARY 2007
The preferred power-up sequence is to ramp AVDD first, followed by DRVDD, including a simultaneous ramp of
AVDD and DRVDD. In the event that DRVDD ramps up first in the system, care must be taken to ensure that AVDD
ramps up within 10 ms. Optionally, it is recommended to put a 2-k
Ω resistor from REFP (pin 29) to AVDD as
shown in Figure 41. This helps to make the device more robust to power supply ramp-up timings.
Figure 41.
The device enters power-down in one of two ways: either by reducing the clock speed or by setting the PDN bit
throught the serial programming interface. Using the reduced clock speed, power-down may be initiated for clock
frequency below 2 MSPS. The exact frequency at which the power down occurs varies from device to device.
Using the serial interface PDN bit to power down the device places the outputs in a high-impedance state and
only the internal reference remains on to reduce the power-up time. The power-down mode reduces power
dissipation to approximately 180 mW.
The ADS5542 has built-in internal reference generation, requiring no external circuitry on the printed circuit
board (PCB). For optimum performance, it is best to connect both REFP and REFM to ground with a 1-
µF
decoupling capacitor (the 1-
Ω resistor shown in Figure 42 is optional). In addition, an external 56.2-kΩ resistor
should be connected from IREF (pin 31) to AGND to set the proper current for the operation of the ADC, as
shown in Figure 42. No capacitor should be connected between pin 31 and ground; only the 56.2-k
Ω resistor
should be used.
Figure 42. REFP, REFM, and IREF Connections for Optimum Performance
23
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com