Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5542IPAPR Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS5542IPAPR
Description  14-Bit, 80 MSPS Analog-To-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5542IPAPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS5542IPAPR Datasheet HTML 3Page - Texas Instruments ADS5542IPAPR Datasheet HTML 4Page - Texas Instruments ADS5542IPAPR Datasheet HTML 5Page - Texas Instruments ADS5542IPAPR Datasheet HTML 6Page - Texas Instruments ADS5542IPAPR Datasheet HTML 7Page - Texas Instruments ADS5542IPAPR Datasheet HTML 8Page - Texas Instruments ADS5542IPAPR Datasheet HTML 9Page - Texas Instruments ADS5542IPAPR Datasheet HTML 10Page - Texas Instruments ADS5542IPAPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
www.ti.com
RESET TIMING CHARACTERISTICS
RESET (Pin 35)
t1 . 10 ms
t2 . 2 ms
t3 . 2 ms
SEN Active
Power Supply
(AVDD, DRVDD)
SERIAL PROGRAMMING INTERFACE CHARACTERISTICS
A3
ADDRESS
SDATA
MSB
DATA
A2
A1
A0
D11
D10
D9
D0
ADS5542
SBAS308D – MAY 2004 – REVISED FEBRUARY 2007
Typical values given at T
A = 25°C, min and max specified over the full recommended operating temperature range, AVDD =
DRV
DD = 3.3 V, and 3-VPP differential clock, unless otherwise noted
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
Switching Specification
t1
Power-on delay
Delay from power-on of AVDD and DRVDD to RESET pulse
10
ms
active
t2
Reset pulse width
Pulse width of active RESET signal
2
µs
t3
Register write delay
Delay from RESET disable to SEN active
2
µs
Power-up time
Delay from power-up of AVDD and DRVDD to output stable
40
ms
Figure 2. Reset Timing Diagram
The ADS5542 has a three-wire serial interface. The ADS5542 latches serial data SDATA on the falling edge of
serial clock SCLK when SEN is active.
• Serial shift of bits is enabled when SEN is low. SCLK shifts serial data at the falling edge.
• Minimum width of data stream for a valid loading is 16 clocks.
• Data is loaded at every 16th SCLK falling edge while SEN is low.
• In case the word length exceeds a multiple of 16 bits, the excess bits are ignored.
• Data can be loaded in multiples of 16-bit words within a single active SEN pulse.
• The first 4-bit nibble is the address of the register while the last 12 bits are the register contents.
Figure 3. DATA Communication is 2-Byte, MSB First
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com