Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5542IPAPR Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS5542IPAPR
Description  14-Bit, 80 MSPS Analog-To-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5542IPAPR Datasheet(HTML) 5 Page - Texas Instruments

  ADS5542IPAPR Datasheet HTML 1Page - Texas Instruments ADS5542IPAPR Datasheet HTML 2Page - Texas Instruments ADS5542IPAPR Datasheet HTML 3Page - Texas Instruments ADS5542IPAPR Datasheet HTML 4Page - Texas Instruments ADS5542IPAPR Datasheet HTML 5Page - Texas Instruments ADS5542IPAPR Datasheet HTML 6Page - Texas Instruments ADS5542IPAPR Datasheet HTML 7Page - Texas Instruments ADS5542IPAPR Datasheet HTML 8Page - Texas Instruments ADS5542IPAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
www.ti.com
DIGITAL CHARACTERISTICS
ADS5542
SBAS308D – MAY 2004 – REVISED FEBRUARY 2007
ELECTRICAL CHARACTERISTICS (continued)
Typical values given at T
A = 25°C, min and max specified over the full recommended operating temperature range, AVDD =
DRV
DD = 3.3 V, sampling rate = 80 MSPS, 50% clock duty cycle, 3-VPP differential clock, and –1dBFS differential input,
unless otherwise noted
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
25
°C
78
90
fIN = 10 MHz
Full temp range
76
88
fIN = 55 MHz
83.4
25
°C
78
86
Total harmonic distortion, THD
fIN = 70 MHz
dBc
Full temp range
76
84
fIN = 100 MHz
83.4
fIN = 150 MHz
81.2
fIN = 220 MHz
75.8
Effective number of bits, ENOB
fIN = 70 MHz
11.9
Bits
f = 10.1 MHz, 15.1 MHz (–7dBFS each tone)
93.8
f = 50.1 MHz, 55.1 MHz (–7dBFS each tone)
92.4
Two-tone intermodulation distortion, IMD
dBFS
f = 148.1 MHz, 153.1 MHz (–7dBFS each
92.6
tone)
AC power supply rejection ratio, ACPSRR
Supply noise frequency
≤ 100 MHz
35
dB
Power Supply
Total supply current, ICC
fIN = 70 MHz
204
230
mA
Analog supply current, IAVDD
fIN = 70 MHz
165
180
mA
Output buffer supply current, IDRVDD
fIN = 70 MHz
39
50
mA
Analog only
545
594
Power dissipation
mW
Output buffer power with 10-pF load on
129
165
digital output to ground
Standby power
With Clocks running
180
250
mW
Valid over full recommended operating temperature range, AV
DD = DRVDD = 3.3 V, unless otherwise noted
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Digital Inputs
VIH
High-level input voltage
2.4
V
VIL
Low-level input voltage
0.8
V
IIH
High-level input current
10
µA
IIL
Low-level input current
–10
µA
Input current for RESET
–20
µA
Input capacitance
4
pF
Digital Outputs
VOL
Low-level output voltage
CLOAD = 10 pF
0.3
0.4
V
VOH
High-level output voltage
CLOAD = 10 pF
2.4
3
V
Output capacitance
3
pF
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com