Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ27Z561-R2 Datasheet(PDF) 24 Page - Texas Instruments

Part # BQ27Z561-R2
Description  BQ27Z561-R2 Impedance Track™ Battery Gas Gauge Solution for 1-Series Cell Li-Ion Battery Packs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ27Z561-R2 Datasheet(HTML) 24 Page - Texas Instruments

Back Button BQ27Z561-R2 Datasheet HTML 19Page - Texas Instruments BQ27Z561-R2 Datasheet HTML 20Page - Texas Instruments BQ27Z561-R2 Datasheet HTML 21Page - Texas Instruments BQ27Z561-R2 Datasheet HTML 22Page - Texas Instruments BQ27Z561-R2 Datasheet HTML 23Page - Texas Instruments BQ27Z561-R2 Datasheet HTML 24Page - Texas Instruments BQ27Z561-R2 Datasheet HTML 25Page - Texas Instruments BQ27Z561-R2 Datasheet HTML 26Page - Texas Instruments BQ27Z561-R2 Datasheet HTML 27Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.4 MAX
0.175
0.125
1.5
TYP
0.5 TYP
12X
0.25
0.15
0.5
TYP
1 TYP
B
E
A
D
4222640/A 12/2015
DSBGA - 0.4 mm max height
YPH0012
DIE SIZE BALL GRID ARRAY
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. NanoFree
TM
package configuration.
NanoFree Is a trademark of Texas Instruments.
BALL A1
INDEX AREA
SEATING PLANE
BALL TYP
0.05 C
A
1
3
0.015
C A
B
SYMM
SYMM
C
2
B
D
SCALE 7.000
D: Max =
E: Max =
2.08 mm, Min =
1.705 mm, Min =
2.02 mm
1.644 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com