Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ27Z561-R2 Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ27Z561-R2
Description  BQ27Z561-R2 Impedance Track™ Battery Gas Gauge Solution for 1-Series Cell Li-Ion Battery Packs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ27Z561-R2 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ27Z561-R2 Datasheet HTML 2Page - Texas Instruments BQ27Z561-R2 Datasheet HTML 3Page - Texas Instruments BQ27Z561-R2 Datasheet HTML 4Page - Texas Instruments BQ27Z561-R2 Datasheet HTML 5Page - Texas Instruments BQ27Z561-R2 Datasheet HTML 6Page - Texas Instruments BQ27Z561-R2 Datasheet HTML 7Page - Texas Instruments BQ27Z561-R2 Datasheet HTML 8Page - Texas Instruments BQ27Z561-R2 Datasheet HTML 9Page - Texas Instruments BQ27Z561-R2 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
7.9 Internal Temperature Sensor
Unless otherwise noted, characteristics noted under conditions of TA = –40℃ to 85℃
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(TEMP)
Internal temperature sensor voltage
drift
VTEMPP
1.65
1.73
1.8
mV/°C
VTEMPP – VTEMPN (assured by design)
0.17
0.18
0.19
7.10 NTC Thermistor Measurement Support
Unless otherwise noted, characteristics noted under conditions of TA = –40℃ to 85℃
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RNTRC(PU)
Internal pullup resistance
14.4
18
21.6
kΩ
RNTC(DRIFT)
Resistance drift over
temperature
–250
–120
0
PPM/°C
7.11 Coulomb Counter (CC)
Unless otherwise noted, characteristics noted under conditions of TA = –40℃ to 85℃
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(CC_IN)
Differential input voltage
range
–0.1
0.1
V
t(CC_CONV)
Conversion time
Single conversion
1000
ms
Effective resolution
1 LSB
3.8
µV
Integral nonlinearity
16-bit, best fit over input voltage
range
–22.3
5.2
+22.3
LSB
Differential nonlinearity
16-bit, no missing codes
1.5
LSB
Offset error
16- bit post calibration
–2.6
1.3
+2.6
LSB
Offset error drift
15-bit + sign, post calibration
0.04
0.07
LSB/°C
Gain error
15-bit + sign, over input voltage range
–492
131
+492
LSB
Gain error drift
15-bit + sign, over input voltage range
4.3
9.8
LSB/°C
Effective input resistance
7
MΩ
7.12 Analog Digital Converter (ADC)
Unless otherwise noted, characteristics noted under conditions of TA = –40℃ to 85℃
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VADC_TS_GPIO
Input voltage range
VFS = VREF2
–0.2
1.0
V
VFS = VREG18 × 2
–0.2
1.44
V
VBAT_MODE
Battery input voltage
–0.2
5.5
V
Integral nonlinearity
16-bit, best fit, –0.1 V to 0.8 × VREF2
–8.4
+8.4
LSB
Differential nonlinearity
16-bit, no missing codes
1.5
LSB
Offset error
16-bit post calibration(1), VFS = VREF2
–4.2
1.8
+4.2
LSB
Offset error drift
16-bit post calibration(1), VFS = VREF2
0.02
0.1
LSB/°C
Gain Error
16-bit, –0.1 to 0.8 × VFS
–492
131
+492
LSB
Gain error drift
16-bit, –0.1 to 0.8 × VFS
2
4.5
LSB/°C
Effective input resistance
8
MΩ
t(ADC_CONV)
Conversion time
11.7
ms
Effective resolution
14
15
bits
(1)
Factory calibration
BQ27Z561-R2
SLUSE22B – FEBRUARY 2020 – REVISED NOVEMBER 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: BQ27Z561-R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com