Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ27Z561-R2 Datasheet(PDF) 11 Page - Texas Instruments

Part # BQ27Z561-R2
Description  BQ27Z561-R2 Impedance Track™ Battery Gas Gauge Solution for 1-Series Cell Li-Ion Battery Packs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ27Z561-R2 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ27Z561-R2 Datasheet HTML 7Page - Texas Instruments BQ27Z561-R2 Datasheet HTML 8Page - Texas Instruments BQ27Z561-R2 Datasheet HTML 9Page - Texas Instruments BQ27Z561-R2 Datasheet HTML 10Page - Texas Instruments BQ27Z561-R2 Datasheet HTML 11Page - Texas Instruments BQ27Z561-R2 Datasheet HTML 12Page - Texas Instruments BQ27Z561-R2 Datasheet HTML 13Page - Texas Instruments BQ27Z561-R2 Datasheet HTML 14Page - Texas Instruments BQ27Z561-R2 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
8 Detailed Description
8.1 Overview
The BQ27Z561-R2 gas gauge is a fully integrated battery manager that employs flash-based firmware to
provide a complete solution for battery-stack architectures composed of 1-series cells. The BQ27Z561-R2
device interfaces with a host system through an I2C or HDQ protocol. High-performance, integrated analog
peripherals enable support for a sense resistor down to 1 mΩ, and simultaneous current/voltage data conversion
for instant power calculations. The following sections detail all of the major component blocks included as part of
the BQ27Z561-R2 device.
8.2 Functional Block Diagram
REG18
REF1
ADC
MUX
CC
ADC
REF2
HFO
LFO
Internal
temperature
sensor
Test
interface
CC/ADC
digital filter
IO and
interrupt
controller
Timers
COM
engine
Timers
bqBMP
CPU
Program flash
32-kBytes
Data flash
4-kBytes
Data SRAM
2-kBytes
ROM
12-
kBytes
PMInstr
(8 bit)
PMAddr
(16 bit)
BAT_SNS
BAT
CE
SRP
SRN
VSS
TS
GPIO
INT
PULS
SDA/HDQ
SCL
8.3 Feature Description
8.3.1 BQ27Z561-R2 Processor
The BQ27Z561-R2 device uses a custom TI-proprietary processor design that features a Harvard architecture
and operates at frequencies up to 4.2 MHz. Using an adaptive, three-stage instruction pipeline, the BQ27Z561-
R2 processor supports variable instruction lengths of 8, 16, or 24 bits.
8.3.2 Battery Parameter Measurements
The BQ27Z561-R2 device measures cell voltage and current simultaneously, and also measures temperature to
calculate the information related to the following:
Remaining capacity
Full charge capacity
State-of-health
Other gauging parameters.
8.3.2.1 Coulomb Counter (CC)
The first ADC is an integrating analog-to-digital converter designed specifically for tracking charge and discharge
activity, or coulomb counting, of a rechargeable battery. It features a single-channel differential input that
converts the voltage difference across a sense resistor between the SRP and SRN pins with a resolution of
3.74 µV.
www.ti.com
BQ27Z561-R2
SLUSE22B – FEBRUARY 2020 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: BQ27Z561-R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com