Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ27Z561YPHR-R2.B Datasheet(PDF) 15 Page - Texas Instruments

Part # BQ27Z561YPHR-R2.B
Description  BQ27Z561-R2 Impedance Track™ Battery Gas Gauge Solution for 1-Series Cell Li-Ion Battery Packs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ27Z561YPHR-R2.B Datasheet(HTML) 15 Page - Texas Instruments

Back Button BQ27Z561YPHR-R2.B Datasheet HTML 11Page - Texas Instruments BQ27Z561YPHR-R2.B Datasheet HTML 12Page - Texas Instruments BQ27Z561YPHR-R2.B Datasheet HTML 13Page - Texas Instruments BQ27Z561YPHR-R2.B Datasheet HTML 14Page - Texas Instruments BQ27Z561YPHR-R2.B Datasheet HTML 15Page - Texas Instruments BQ27Z561YPHR-R2.B Datasheet HTML 16Page - Texas Instruments BQ27Z561YPHR-R2.B Datasheet HTML 17Page - Texas Instruments BQ27Z561YPHR-R2.B Datasheet HTML 18Page - Texas Instruments BQ27Z561YPHR-R2.B Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
Studio (BQSTUDIO), which is a graphical user-interface tool installed on a PC during development. The firmware
installed in the product has default values, which are summarized in the BQ27Z561-R2 Technical Reference
Manual. Using the BQSTUDIO tool, these default values can be changed to cater to specific application
requirements during development once the system parameters, such as enable and disable of certain features
for operation, cell configuration, chemistry that best matches the cell used, and more are known. The final flash
image, which is extracted once configuration and testing are complete, is used for mass production and is
referred to as the "golden image."
9.2 Typical Applications
The following is an example BQ27Z561-R2 application schematic for a single-cell battery pack.
CE
BAT
SRP
SRN
VSS
SDA/HDQ
SCL
INT
PULS
TS
BAT_SNS
PACK+
PACK-
+
-
Protector
IC
0.1 F
RSENSE
1 m
Ba ery
RSRN
RSRP
Thermistor
10 k
1 µF
Tie to CPU for
direct control
NU
Figure 9-1. BQ27Z561-R1 Typical Implementation with Low-side Current Sensing
www.ti.com
BQ27Z561-R2
SLUSE22B – FEBRUARY 2020 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: BQ27Z561-R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com