Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ27Z561YPHR-R2.B Datasheet(PDF) 12 Page - Texas Instruments

Part # BQ27Z561YPHR-R2.B
Description  BQ27Z561-R2 Impedance Track™ Battery Gas Gauge Solution for 1-Series Cell Li-Ion Battery Packs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ27Z561YPHR-R2.B Datasheet(HTML) 12 Page - Texas Instruments

Back Button BQ27Z561YPHR-R2.B Datasheet HTML 8Page - Texas Instruments BQ27Z561YPHR-R2.B Datasheet HTML 9Page - Texas Instruments BQ27Z561YPHR-R2.B Datasheet HTML 10Page - Texas Instruments BQ27Z561YPHR-R2.B Datasheet HTML 11Page - Texas Instruments BQ27Z561YPHR-R2.B Datasheet HTML 12Page - Texas Instruments BQ27Z561YPHR-R2.B Datasheet HTML 13Page - Texas Instruments BQ27Z561YPHR-R2.B Datasheet HTML 14Page - Texas Instruments BQ27Z561YPHR-R2.B Datasheet HTML 15Page - Texas Instruments BQ27Z561YPHR-R2.B Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
8.3.2.2 CC Digital Filter
The CC digital filter generates a 16-bit conversion value from the delta-sigma CC front end. Its FIR filter uses the
HFO clock output. New conversions are available every 1 s.
8.3.2.3 ADC Multiplexer
The ADC multiplexer provides selectable connections to the following:
External pins BAT, BAT_SNS, TS
Internal temperature sensor
Internal reference voltages
Internal 1.8-V regulator
VSS ground reference input
In addition, the multiplexer can independently enable the TS input connection to the internal thermistor biasing
circuitry, and enables the user to short the multiplexer inputs for test and calibration purposes.
8.3.2.4 Analog-to-Digital Converter (ADC)
The second ADC is a 16-bit delta-sigma converter designed for general-purpose measurements. The ADC
automatically scales the input voltage range during sampling based on channel selection. The converter
resolution is a function of its full-scale range and number of bits, yielding a 38-µV resolution.
8.3.2.5 Internal Temperature Sensor
An internal temperature sensor is available on the BQ27Z561-R2 device to reduce the cost, power, and size of
the external components necessary to measure temperature. It is available for connection to the ADC using the
multiplexer, and is ideal for quickly determining pack temperature under a variety of operating conditions.
8.3.2.6 External Temperature Sensor Support
The TS input is enabled with an internal 18-kΩ (typical) linearization pullup resistor to support the use of a
10-kΩ (25°C) NTC external thermistor, such as the Semitec 103AT-2. The NTC thermistor should be connected
between VSS and the individual TS pin. The ADC, through its input multiplexer, then takes the analog
measurement. If a different thermistor type is required, then changes to configurations might be required.
REG18
ADC
TS
NTC
Figure 8-1. External Thermistor Biasing
8.3.3 Power Supply Control
The BQ27Z561-R2 device uses the BAT pin as its power source. BAT powers the internal voltage sources that
supply references for the device. BAT_SNS is a noncurrent carrying path and used at the Kelvin reference for
BAT.
BQ27Z561-R2
SLUSE22B – FEBRUARY 2020 – REVISED NOVEMBER 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: BQ27Z561-R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com