Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ27Z561YPHR-R2.B Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ27Z561YPHR-R2.B
Description  BQ27Z561-R2 Impedance Track™ Battery Gas Gauge Solution for 1-Series Cell Li-Ion Battery Packs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ27Z561YPHR-R2.B Datasheet(HTML) 3 Page - Texas Instruments

  BQ27Z561YPHR-R2.B Datasheet HTML 1Page - Texas Instruments BQ27Z561YPHR-R2.B Datasheet HTML 2Page - Texas Instruments BQ27Z561YPHR-R2.B Datasheet HTML 3Page - Texas Instruments BQ27Z561YPHR-R2.B Datasheet HTML 4Page - Texas Instruments BQ27Z561YPHR-R2.B Datasheet HTML 5Page - Texas Instruments BQ27Z561YPHR-R2.B Datasheet HTML 6Page - Texas Instruments BQ27Z561YPHR-R2.B Datasheet HTML 7Page - Texas Instruments BQ27Z561YPHR-R2.B Datasheet HTML 8Page - Texas Instruments BQ27Z561YPHR-R2.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
5 Description (continued)
The integrated SHA-256 functionality helps enable secure identification between systems and packs. The
interrupt and BTP functions facilitate the BQ27Z561-R2 device to inform the system when a specific state-of-
charge (SOC), voltage, or temperature condition occurs. The low-voltage operation enables the system to
continue monitoring the battery even in deeply discharged conditions. During low-activity situations, the device
can be set to the low power coulomb counting (CC) mode, which enables the device to continue its coulomb
counting while reducing operating current significantly.
6 Pin Configuration and Functions
1
2
3
D
C
B
A
Not to scale
SRP
BAT
CE
SRN
BAT_SNS
NU
TS
VSS
SCL
INT
PULS
SDA/HDQ
Figure 6-1. Pin Diagram
Table 6-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
BAT
D2
P
Battery voltage measurement input. Kelvin battery sense connection to BAT_SNS. Connect a
capacitor (1 µF) between BAT and VSS. Place the capacitor close to the gauge.
CE
D3
I
Active-high chip enable
BAT_SNS
C2
AI
Battery sense
INT
A1
O
Interrupt for voltage, temperature, and state of charge (programmable active high or low)
PULS
A2
O
Programmable pulse width with active-high or -low option
TS
B1
AI
Temperature input for ADC
NU
C3
NC
Makes no external connection
SCL
B3
I/O
Serial clock for I2C interface that requires an external pullup when used. It can be left floating if
unused.
SDA/HDQ
A3
I/O
Serial data for I2C interface and one-wire interface for HDQ (selectable) that requires an external
pullup when used. It can be left floating if unused.
SRP
D1
I
Analog input pin connected to the internal coulomb counter peripheral for integrating a small
voltage between SRP (positive side) and SRN
SRN
C1
I
Analog input pin connected to the internal coulomb counter peripheral for integrating a small
voltage between SRP (positive side) and SRN
VSS
B2
P
Device ground
(1)
P = Power Connection, O = Digital Output, AI = Analog Input, I = Digital Input, I/O = Digital Input/Output, NU = Not Used
www.ti.com
BQ27Z561-R2
SLUSE22B – FEBRUARY 2020 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: BQ27Z561-R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com