Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS20 Datasheet(PDF) 1 Page - Pro-Power

Part # SS20
Description  Conduit Accessories
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

SS20 Datasheet(HTML) 1 Page - Pro-Power

  SS20 Datasheet HTML 1Page - Pro-Power SS20 Datasheet HTML 2Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Conduit Accessories
Page 1
01/02/08 V1.0
Description
Size
Pack Size
Part Number
Strap Saddle
20
100
SS20
25
50
SS25
Spacer Bar Saddle
20
100
SBS20
25
50
SBS25
Straight Coupler
20
100
SC20
25
50
SC25
Female Adaptor
20
100
A20MB
25
50
A25MB
Male Adaptor
20
100
A20LR
25
50
A25LR
Normal Bend L.G.
20
20
NBLG20
25
NBLG25
Normal Bend H.G
.
NBHG25
Specifications
Dimensions : Millimetres
Straight Coupler
Female Adaptor
Male Adaptor
Spacer Bar Saddle
Strap Saddle
Normal Bend L.G.
Normal Bend H.G.


Similar Part No. - SS20

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SS20 RECTRON-SS20 Datasheet
282Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere
logo
TOKYO SEIMITSU CO., LTD
SS20 ACCRETECH-SS20 Datasheet
583Kb / 2P
New standard for semi-automatic dicers with enhanced operability
logo
Rectron Semiconductor
SS200 RECTRON-SS200 Datasheet
249Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Sanyo Semicon Device
SS20015M SANYO-SS20015M Datasheet
42Kb / 3P
Low VF Schottky Barrier Diode 15V, 2.0A Rectifier
SS2003M SANYO-SS2003M Datasheet
32Kb / 3P
Schottky Barrier Diode 30V, 2.0A Rectifier
More results

Similar Description - SS20

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-3C GLENAIR-M24758-3C Datasheet
57Kb / 2P
Conduit Fitting
M24758-4C GLENAIR-M24758-4C Datasheet
56Kb / 2P
Conduit Fitting
M24758-5C GLENAIR-M24758-5C Datasheet
202Kb / 2P
Conduit Fitting
M24758-8C GLENAIR-M24758-8C Datasheet
198Kb / 2P
Conduit to Conduit Fitting
M24758-28A12 GLENAIR-M24758-28A12 Datasheet
195Kb / 2P
Straight Conduit Fitting to PEEK Conduit
M24758-02-A GLENAIR-M24758-02-A Datasheet
123Kb / 1P
Conduit Fitting
M24758-3-16-A GLENAIR-M24758-3-16-A Datasheet
80Kb / 1P
Conduit Fitting
M24758-4-16-A GLENAIR-M24758-4-16-A Datasheet
81Kb / 1P
Conduit Fitting
M24758-8-16-A GLENAIR-M24758-8-16-A Datasheet
79Kb / 1P
Conduit-to-Conduit Fitting
logo
List of Unclassifed Man...
BS20 ETC2-BS20 Datasheet
107Kb / 2P
Conduit Accessories
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com