Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC273F Datasheet(PDF) 7 Page - Texas Instruments

Part # CD54HC273F
Description  CDx4HC(T)273 High-Speed CMOS Logic Octal D-Type Flip-Flop with Reset
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC273F Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD54HC273F Datasheet HTML 3Page - Texas Instruments CD54HC273F Datasheet HTML 4Page - Texas Instruments CD54HC273F Datasheet HTML 5Page - Texas Instruments CD54HC273F Datasheet HTML 6Page - Texas Instruments CD54HC273F Datasheet HTML 7Page - Texas Instruments CD54HC273F Datasheet HTML 8Page - Texas Instruments CD54HC273F Datasheet HTML 9Page - Texas Instruments CD54HC273F Datasheet HTML 10Page - Texas Instruments CD54HC273F Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
5.6 Switching Characteristics
Input tr, tf = 6 ns (See Parameter Measurement Information)
PARAMETER
TEST
CONDITIONS
VCC(V)
25
℃
–40
℃ to 85℃ –55℃ to 125℃
UNIT
TYP
MAX
MAX
MAX
HC TYPES
tPLH, tPHL
Propagation delay
Clock to output
CL = 50 pF
2
150
190
225
ns
4.5
30
38
45
6
26
30
38
CL = 15 pF
5
12
tPHL
Propagation delay
CLR to output
CL = 50 pF
2
150
190
225
ns
4.5
30
38
45
6
26
30
38
tTLH, tTHL Output transition time
CL = 50 pF
2
75
95
110
ns
4.5
15
19
22
6
13
16
19
CIN
Input capacitance
10
10
10
pF
fMAX
Maximum clock frequency
CL = 15 pF
5
60
MHz
CPD
Power dissipation capacitance(1) (2)
5
25
pF
HCT TYPES
tPLH, tPHL
Propagation delay,
Clock to output
CL = 50 pF
4.5
30
38
45
ns
CL = 15 pF
5
12
tPHL
Propagation delay,
CLR to output
CL = 50 pF
4.5
32
40
48
ns
tTLH, tTHL Output transition time
CL = 50 pF
4.5
15
19
22
ns
CIN
Input capacitance
10
10
10
pF
fMAX
Maximum clock frequency
CL = 15 pF
5
50
MHz
CPD
Power dissipation capacitance(1) (2)
5
25
pF
(1)
CPD is used to determine the dynamic power consumption, per flip-flop.
(2)
PD = CPD VCC 2 fi + Σ (CL VCC 2 + fO) where fi = input frequency, fO = output frequency, CL = output load capacitance, VCC = supply
voltage.
www.ti.com
CD54HC273, CD74HC273
CD54HCT273, CD74HCT273
SCHS174C – FEBRUARY 1998 – REVISED JANUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: CD54HC273 CD74HC273 CD54HCT273 CD74HCT273



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com