Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC273F Datasheet(PDF) 8 Page - Texas Instruments

Part # CD54HC273F
Description  CDx4HC(T)273 High-Speed CMOS Logic Octal D-Type Flip-Flop with Reset
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC273F Datasheet(HTML) 8 Page - Texas Instruments

Back Button CD54HC273F Datasheet HTML 4Page - Texas Instruments CD54HC273F Datasheet HTML 5Page - Texas Instruments CD54HC273F Datasheet HTML 6Page - Texas Instruments CD54HC273F Datasheet HTML 7Page - Texas Instruments CD54HC273F Datasheet HTML 8Page - Texas Instruments CD54HC273F Datasheet HTML 9Page - Texas Instruments CD54HC273F Datasheet HTML 10Page - Texas Instruments CD54HC273F Datasheet HTML 11Page - Texas Instruments CD54HC273F Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
6 Detailed Description
6.1 Overview
The ’HC273 and ’HCT273 high speed octal D-Type flip-flops with a direct clear input are manufactured with
silicon-gate CMOS technology. They possess the low power consumption of standard CMOS integrated circuits.
Information at the D input is transferred to the Q outputs on the positive-going edge of the clock pulse. All eight
flip-flops are controlled by a common clock (CLK) and a common reset (CLR). Resetting is accomplished by a
low voltage level independent of the clock. All eight Q outputs are reset to a logic 0.
6.2 Functional Block Diagram
D
R
Q
xD
xQ
One of Eight D-Type Flip-Flops
CLK
CLR
Shared Control Logic
6.3 Device Functional Modes
Table 6-1. Truth Table(1)
INPUTS
OUTPUT
RESET (CLR)
CLOCK CLK
DATA Dn
Q
L
X
X
L
H
↑
H
H
H
↑
L
L
H
L
X
Q0
(1)
H = high voltage level, L = low voltage level, X = don’t care, ↑ =
transition from low to high level, Q0 = level before the indicated
steady-state input conditions were established
CD54HC273, CD74HC273
CD54HCT273, CD74HCT273
SCHS174C – FEBRUARY 1998 – REVISED JANUARY 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CD54HC273 CD74HC273 CD54HCT273 CD74HCT273



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com