Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC273F Datasheet(PDF) 13 Page - Texas Instruments

Part # CD54HC273F
Description  CDx4HC(T)273 High-Speed CMOS Logic Octal D-Type Flip-Flop with Reset
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC273F Datasheet(HTML) 13 Page - Texas Instruments

Back Button CD54HC273F Datasheet HTML 9Page - Texas Instruments CD54HC273F Datasheet HTML 10Page - Texas Instruments CD54HC273F Datasheet HTML 11Page - Texas Instruments CD54HC273F Datasheet HTML 12Page - Texas Instruments CD54HC273F Datasheet HTML 13Page - Texas Instruments CD54HC273F Datasheet HTML 14Page - Texas Instruments CD54HC273F Datasheet HTML 15Page - Texas Instruments CD54HC273F Datasheet HTML 16Page - Texas Instruments CD54HC273F Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
29-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
5962-8772501RA
Active
Production
CDIP (J) | 20
20 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-8772501RA
CD54HCT273F3A
CD54HC273F
Active
Production
CDIP (J) | 20
20 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
CD54HC273F
CD54HC273F.A
Active
Production
CDIP (J) | 20
20 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
CD54HC273F
CD54HC273F3A
Active
Production
CDIP (J) | 20
20 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
8409901RA
CD54HC273F3A
CD54HC273F3A.A
Active
Production
CDIP (J) | 20
20 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
8409901RA
CD54HC273F3A
CD54HCT273F
Active
Production
CDIP (J) | 20
20 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
CD54HCT273F
CD54HCT273F.A
Active
Production
CDIP (J) | 20
20 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
CD54HCT273F
CD54HCT273F3A
Active
Production
CDIP (J) | 20
20 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-8772501RA
CD54HCT273F3A
CD54HCT273F3A.A
Active
Production
CDIP (J) | 20
20 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-8772501RA
CD54HCT273F3A
CD74HC273E
Active
Production
PDIP (N) | 20
20 | TUBE
Yes
NIPDAU | NIPDAU
N/A for Pkg Type
-55 to 125
CD74HC273E
CD74HC273E.A
Active
Production
PDIP (N) | 20
20 | TUBE
Yes
NIPDAU
N/A for Pkg Type
-55 to 125
CD74HC273E
CD74HC273M
Obsolete
Production
SOIC (DW) | 20
-
-
Call TI
Call TI
-55 to 125
HC273M
CD74HC273M96
Active
Production
SOIC (DW) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-55 to 125
HC273M
CD74HC273M96.A
Active
Production
SOIC (DW) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-55 to 125
HC273M
CD74HC273M96E4
Active
Production
SOIC (DW) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-55 to 125
HC273M
CD74HCT273E
Active
Production
PDIP (N) | 20
20 | TUBE
Yes
NIPDAU | NIPDAU
N/A for Pkg Type
-55 to 125
CD74HCT273E
CD74HCT273E.A
Active
Production
PDIP (N) | 20
20 | TUBE
Yes
NIPDAU
N/A for Pkg Type
-55 to 125
CD74HCT273E
CD74HCT273EE4
Active
Production
PDIP (N) | 20
20 | TUBE
Yes
NIPDAU
N/A for Pkg Type
-55 to 125
CD74HCT273E
CD74HCT273M
Obsolete
Production
SOIC (DW) | 20
-
-
Call TI
Call TI
-55 to 125
HCT273M
CD74HCT273M96
Active
Production
SOIC (DW) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-55 to 125
HCT273M
CD74HCT273M96.A
Active
Production
SOIC (DW) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-55 to 125
HCT273M
(1) Status: For more details on status, see our product life cycle.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com