Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE925PWR Datasheet(PDF) 28 Page - Texas Instruments

Part # CDCE925PWR
Description  CDCE(L)925: Flexible Low Power LVCMOS Clock Generator With SSC Support for EMI Reduction
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCE925PWR Datasheet(HTML) 28 Page - Texas Instruments

Back Button CDCE925PWR Datasheet HTML 24Page - Texas Instruments CDCE925PWR Datasheet HTML 25Page - Texas Instruments CDCE925PWR Datasheet HTML 26Page - Texas Instruments CDCE925PWR Datasheet HTML 27Page - Texas Instruments CDCE925PWR Datasheet HTML 28Page - Texas Instruments CDCE925PWR Datasheet HTML 29Page - Texas Instruments CDCE925PWR Datasheet HTML 30Page - Texas Instruments CDCE925PWR Datasheet HTML 31Page - Texas Instruments CDCE925PWR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
28
CDCE925, CDCEL925
SCAS847I – JULY 2007 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: CDCE925 CDCEL925
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Typical Application (continued)
Figure 22. Output Spectrum With SSC Off
Figure 23. Output Spectrum With SSC On, 2% Center
11 Power Supply Recommendations
There is no restriction on the power-up sequence. In case the VDDOUT is applied first, TI recommends grounding
VDD. In case the VDDOUT is powered while VDD is floating, there is a risk of high current flowing on the VDDOUT.
The device has a power-up control that is connected to the 1.8-V supply. This keeps the whole device disabled
until the 1.8-V supply reaches a sufficient voltage level. Then the device switches on all internal components,
including the outputs. If there is a 3.3-V VDDOUT available before the 1.8-V, the outputs stay disabled until the 1.8-
V supply reaches a certain level.
12 Layout
12.1 Layout Guidelines
When the CDCEx937 is used as a crystal buffer, any parasitics across the crystal affects the pulling range of the
VCXO. Therefore, take care in placing the crystal units on the board. Crystals must be placed as close to the
device as possible, ensuring that the routing lines from the crystal terminals to XIN and XOUT have the same
length.
If possible, cut out both ground plane and power plane under the area where the crystal and the routing to the
device are placed. In this area, always avoid routing any other signal line, as it could be a source of noise
coupling.
Additional discrete capacitors can be required to meet the load capacitance specification of certain crystal. For
example, a 10.7-pF load capacitor is not fully programmable on the chip, because the internal capacitor can
range from 0 pF to 20 pF with steps of 1 pF. The 0.7-pF capacitor therefore can be discretely added on top of an
internal 10-pF capacitor.
To minimize the inductive influence of the trace, TI recommends placing this small capacitor as close to the
device as possible and symmetrically with respect to XIN and XOUT.
Figure 24 shows a conceptual layout detailing recommended placement of power supply bypass capacitors on
the basis of CDCEx937. For component side mounting, use 0402 body size capacitors to facilitate signal routing.
Keep the connections between the bypass capacitors and the power supply on the device as short as possible.
Ground the other side of the capacitor using a low-impedance connection to the ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com