Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE925PWR Datasheet(PDF) 4 Page - Texas Instruments

Part # CDCE925PWR
Description  CDCE(L)925: Flexible Low Power LVCMOS Clock Generator With SSC Support for EMI Reduction
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCE925PWR Datasheet(HTML) 4 Page - Texas Instruments

  CDCE925PWR Datasheet HTML 1Page - Texas Instruments CDCE925PWR Datasheet HTML 2Page - Texas Instruments CDCE925PWR Datasheet HTML 3Page - Texas Instruments CDCE925PWR Datasheet HTML 4Page - Texas Instruments CDCE925PWR Datasheet HTML 5Page - Texas Instruments CDCE925PWR Datasheet HTML 6Page - Texas Instruments CDCE925PWR Datasheet HTML 7Page - Texas Instruments CDCE925PWR Datasheet HTML 8Page - Texas Instruments CDCE925PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
1
Xin/CLK
16
Xout
2
S0
15
SDA/S1
3
V
DD
14
SCL/S2
4
V
Ctrl
13
Y1
5
GND
12
GND
6
11
Y2
7
Y4
10
Y3
8
Y5
9
Not to scale
V
DDOUT
V
DDOUT
4
CDCE925, CDCEL925
SCAS847I – JULY 2007 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: CDCE925 CDCEL925
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
(1)
G = Ground, I = Input, O = Output, P = Power
5 Description (continued)
The deep M/N divider ratio allows the generation of zero-ppm audio/video, networking (WLAN, Bluetooth,
Ethernet, GPS), or interface (USB, IEEE1394, memory stick) clocks from a 27-MHz reference input frequency,
for example.
All PLLs support SSC (spread-spectrum clocking). SSC can be center-spread or down-spread clocking, which is
a common technique to reduce electromagnetic interference (EMI).
Based on the PLL frequency and the divider settings, the internal loop filter components are automatically
adjusted to achieve high stability and optimized jitter transfer characteristic of each PLL.
The device supports nonvolatile EEPROM programming for easy customization of the device in the application. It
is preset to a factory default configuration and can be reprogrammed to a different application configuration
before it goes onto the PCB or reprogrammed by in-system programming. All device settings are programmable
through the SDA/SCL bus, a 2-wire serial interface.
Three, free programmable control inputs, S0, S1, and S2, can be used to select different frequencies, or change
the SSC setting for lowering EMI, or other control features like outputs disable to low, outputs in high-impedance
state, power down, PLL bypass, and so forth.
The CDCx925 operates in a 1.8-V environment and in a temperature range of –40°C to 85°C.
6 Pin Configuration and Functions
PW Package
16-Pin TSSOP
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
GND
5, 12
G
Ground
SCL/S2
14
I
SCL: Serial clock input (default configuration), LVCMOS; internal pullup
S2: User-programmable control input; LVCMOS inputs; internal pullup
SDA/S1
15
I/O
SDA: Bidirectional serial data input/output (default configuration), LVCMOS; internal pullup
S1: User-programmable control input; LVCMOS inputs; internal pullup
S0
2
I
User-programmable control input S0; LVCMOS inputs; internal pullup
VCtrl
4
I
VCXO control voltage (leave open or pull up when not used)
VDD
3
P
1.8-V power supply for the device
VDDOUT
6, 9
P
CDCEL925: 1.8-V supply for all outputs
CDCE925: 3.3-V or 2.5-V supply for all outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com