Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE925PWR Datasheet(PDF) 8 Page - Texas Instruments

Part # CDCE925PWR
Description  CDCE(L)925: Flexible Low Power LVCMOS Clock Generator With SSC Support for EMI Reduction
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCE925PWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDCE925PWR Datasheet HTML 4Page - Texas Instruments CDCE925PWR Datasheet HTML 5Page - Texas Instruments CDCE925PWR Datasheet HTML 6Page - Texas Instruments CDCE925PWR Datasheet HTML 7Page - Texas Instruments CDCE925PWR Datasheet HTML 8Page - Texas Instruments CDCE925PWR Datasheet HTML 9Page - Texas Instruments CDCE925PWR Datasheet HTML 10Page - Texas Instruments CDCE925PWR Datasheet HTML 11Page - Texas Instruments CDCE925PWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
8
CDCE925, CDCEL925
SCAS847I – JULY 2007 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: CDCE925 CDCEL925
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
(6)
SDA and SCL pins are 3.3-V tolerant.
tjit(cc)
Cycle-to-cycle jitter (2) (3)
1 PLL switching, Y2-to-Y3
80
110
ps
2 PLL switching, Y2-to-Y5
130
200
tjit(per)
Peak-to-peak period jitter (3)
1 PLL switching, Y2-to-Y3
100
130
ps
2 PLL switching, Y2-to-Y5
150
220
tsk(o)
Output skew (4)
fOUT = 50 MHz, Y1-to-Y3
50
ps
fOUT = 50 MHz, Y2-to-Y5
110
odc
Output duty cycle (5)
fVCO = 100 MHz, Pdiv = 1
45%
55%
SDA AND SCL
VIK
SCL and SDA input clamp voltage
VDD = 1.7 V, II = –18 mA
–1.2
V
IIH
SCL and SDA input current
VI = VDD, VDD = 1.9 V
±10
µA
VIH
SDA/SCL input high voltage(6)
0.7 × VDD
V
VIL
SDA/SCL input low voltage(6)
0.3 × VDD
V
VOL
SDA low-level output voltage
IOL = 3 mA, VDD = 1.7 V
0.2 × VDD
V
CI
SCL/SDA Input capacitance
VI = 0 V or VDD
3
10
pF
7.6 EEPROM Specification
MIN
TYP
MAX
UNIT
EEcyc
Programming cycles of EEPROM
100
1000
cycles
EEret
Data retention
10
years
7.7 Timing Requirements: CLK_IN
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
fCLK
LVCMOS clock input frequency
PLL bypass mode
0
160
MHz
PLL mode
8
160
tr / tf
Rise and fall time CLK signal (20% to 80%)
3
ns
dutyCLK
Duty cycle CLK at VDD / 2
40%
60%
7.8 Timing Requirements: SDA/SCL
over operating free-air temperature range (unless otherwise noted; see Figure 8)
MIN
NOM
MAX
UNIT
fSCL
SCL clock frequency
Standard mode
0
100
kHz
Fast mode
0
400
tsu(START)
START setup time (SCL high before SDA low)
Standard mode
4.7
µs
Fast mode
0.6
th(START)
START hold time (SCL low after SDA low)
Standard mode
4
µs
Fast mode
0.6
tw(SCLL)
SCL low-pulse duration
Standard mode
4.7
µs
Fast mode
1.3
tw(SCLH)
SCL high-pulse duration
Standard mode
4
µs
Fast mode
0.6
th(SDA)
SDA hold time (SDA valid after SCL low)
Standard mode
0
3.45
µs
Fast mode
0
0.9
tsu(SDA)
SDA setup time
Standard mode
250
ns
Fast mode
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com