Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPR410 Datasheet(PDF) 32 Page - Texas Instruments

Part # DLPR410
Description  DLP650LNIR 0.65 NIR WXGA S450 DMD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPR410 Datasheet(HTML) 32 Page - Texas Instruments

Back Button DLPR410 Datasheet HTML 28Page - Texas Instruments DLPR410 Datasheet HTML 29Page - Texas Instruments DLPR410 Datasheet HTML 30Page - Texas Instruments DLPR410 Datasheet HTML 31Page - Texas Instruments DLPR410 Datasheet HTML 32Page - Texas Instruments DLPR410 Datasheet HTML 33Page - Texas Instruments DLPR410 Datasheet HTML 34Page - Texas Instruments DLPR410 Datasheet HTML 35Page - Texas Instruments DLPR410 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
TP1
TP5
TP3 (TP2)
TP3
2X 16.7
TP4
Window Edge
(4 surfaces)
4.5
16.1
TP1
TP2
Array
TP5
TP4
2X 12.0
32
DLP650LNIR
DLPS136 – NOVEMBER 2018
www.ti.com
Product Folder Links: DLP650LNIR
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Optical Interface and System Image Quality Considerations (continued)
7.6.4 Illumination Overfill
The active area of the device is surrounded by an aperture on the inside DMD window surface that masks
structures of the DMD device assembly from normal view. The aperture is sized to anticipate several optical
operating conditions. Overfill light illuminating the window aperture can create artifacts from the edge of the
window aperture opening and other surface anomalies that may be included in the projected image. To reduce
DMD heating when applying high incident flux levels to the DMD in high power applications, design the
illumination optics to limit light flux incident anywhere outside the active array to nearly zero percent. For lower
incident power levels, depending on the optical architecture of a particular system, the acceptability levels of
overfill light must be determined by the user as it relates to a specific application. In most cases it is almost
always held to zero.
7.7 Micromirror Temperature Calculations
Figure 20. DMD Thermal Test Points



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com