Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPR410 Datasheet(PDF) 8 Page - Texas Instruments

Part # DLPR410
Description  DLP650LNIR 0.65 NIR WXGA S450 DMD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPR410 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DLPR410 Datasheet HTML 4Page - Texas Instruments DLPR410 Datasheet HTML 5Page - Texas Instruments DLPR410 Datasheet HTML 6Page - Texas Instruments DLPR410 Datasheet HTML 7Page - Texas Instruments DLPR410 Datasheet HTML 8Page - Texas Instruments DLPR410 Datasheet HTML 9Page - Texas Instruments DLPR410 Datasheet HTML 10Page - Texas Instruments DLPR410 Datasheet HTML 11Page - Texas Instruments DLPR410 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
8
DLP650LNIR
DLPS136 – NOVEMBER 2018
www.ti.com
Product Folder Links: DLP650LNIR
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are referenced to common ground VSS. VCC, VCCI, VCC2 power supplies are all required for all DMD operating modes.
VMBRSTsignals are also required to be at the appropriate voltage at the appropriate time as controlled by the DLPC410 and DLPA200.
(3)
VCC2 supply transients must fall within specified voltages.
(4)
Exceeding the recommended allowable voltage difference between VCC and VCCI may result in excessive current draw.
(5)
The maximum LVDS input voltage rating applies when each input of a differential pair is at the same voltage potential.
(6)
The highest micromirror temperature (as calculated using Micromirror Temperature Calculations) or of any point along the window edge
as defined in Figure 20. The locations of thermal test points TP2, TP3, TP4, and TP5 in Figure 20 are intended to measure the highest
window edge temperature. If a particular application causes another point on the window edge to be at a higher temperature, use that
point.
(7)
Temperature delta is the highest difference between the ceramic test point 1 (TP1) and anywhere on the window edge as shown in
Figure 20. The window test points TP2, TP3, TP4, and TP5 shown in Figure 20 are intended to result in the worst case delta. If a
particular application causes another point on the window edge to result in a larger delta temperature, then use that point.
6 Specifications
6.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted).
(1)
MIN
MAX
UNIT
SUPPLY VOLTAGES
VCC
Supply voltage for LVCMOS core logic(2)
–0.5
4
V
VCCI
Supply voltage for LVDS Interface (2)
–0.5
4
V
VCC2
Micromirror Electrode and HVCMOS voltage(2)(3)
–0.5
9
V
VMBRST
Input voltage for MBRST(15:0) (2)
–28
28
V
|VCCI – VCC|
Supply voltage delta (absolute value)(4)
0.3
V
INPUT VOLTAGES
Input voltage for all other input pins(2)
–0.5
VCC + 0.3
V
|VID|
Input differential voltage (absolute value)(5)
700
mV
ENVIRONMENTAL
TMIRROR and TWINDOW
Temperature, operating(6)
0
90
°C
Temperature, non–operating(6)
–40
90
°C
|TDELTA|
Absolute Temperature delta between any point on the window edge and the
ceramic test point TP1(7)
30
°C
TDP
Dew point temperature, operating and non–operating (noncondensing)
81
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com