Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPR410 Datasheet(PDF) 13 Page - Texas Instruments

Part # DLPR410
Description  DLP650LNIR 0.65 NIR WXGA S450 DMD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPR410 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DLPR410 Datasheet HTML 9Page - Texas Instruments DLPR410 Datasheet HTML 10Page - Texas Instruments DLPR410 Datasheet HTML 11Page - Texas Instruments DLPR410 Datasheet HTML 12Page - Texas Instruments DLPR410 Datasheet HTML 13Page - Texas Instruments DLPR410 Datasheet HTML 14Page - Texas Instruments DLPR410 Datasheet HTML 15Page - Texas Instruments DLPR410 Datasheet HTML 16Page - Texas Instruments DLPR410 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
13
DLP650LNIR
www.ti.com
DLPS136 – NOVEMBER 2018
Product Folder Links: DLP650LNIR
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Applies to LVCMOS pins only. Excludes LVDS pins and test pad pins.
(2)
To prevent excess current, the supply voltage delta |VCCI – VCC| must be less than the specified limit in Recommended Operating
Conditions.
6.6 Electrical Characteristics
Over operating free-air temperature range (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High level output voltage
VCC = 3 V, IOH = – 20 mA
2.4
V
VOL
Low level output voltage
VCC = 3.6 V, IOL = 15 mA
0.4
V
IOZ
High impedance output current
VCC = 3.6 V
10
µA
IIL
Low level input current
VCC = 3.6 V, VI = 0
–60
µA
IIH
High level input current (1)
VCC = 3.6 V, VI = VCC
200
µA
ICC
Supply current VCC (2)
VCC = 3.6 V
650
mA
ICCI
Supply current VCCI (2)
VCCI = 3.6 V
350
mA
ICC2
Supply current VCC2
VCC2 = 8.75 V
25
mA
ZIN
Internal differential termination
resistance
95
105
Ω
ZLINE
Line differential impedance (PWB/trace)
90
100
110
Ω
CI
Input capacitance(1)
f = 1 MHz
10
pF
CO
Output capacitance(1)
f = 1 MHz
10
pF
CIM
Input capacitance for MBRST[0:15] pins
f = 1 MHz
160
210
pF
(1)
See Figure 7 for timing requirements for LVDS.
(2)
Channel A (Bus A) includes the following LVDS pairs: DCLK_AN and DCLK_AP, SCTRL_AN and SCTRL_AP,
D_AN(15,13,11,9,7,5,3,1) and D_AP(15,13,11,9,7,5,3,1).
(3)
Channel B (Bus B) includes the following LVDS pairs: DCLK_BN and DCLK_BP, SCTRL_BN and SCTRL_BP,
D_BN(15,13,11,9,7,5,3,1) and D_BP(15,13,11,9,7,5,3,1).
6.7 Timing Requirements
Over Recommended Operating Conditions (unless otherwise noted).
PARAMETER DESCRIPTION
SIGNAL
MIN
TYP
MAX
UNIT
LVDS(1)
tC
Clock Cycle Duration for DCLK_A
LVDS
2.46
ns
tC
Clock Cycle Duration for DCLK_B
LVDS
2.46
ns
tW
Pulse Duration for DCLK_A
LVDS
1.07
1.23
ns
tW
Pulse Duration for DCLK_B
LVDS
1.07
1.23
ns
tSU
Setup Time for D_A(15:0) before DCLK_A
LVDS
0.35
ns
tSU
Setup Time for D_A(15:0) before DCLK_B
LVDS
0.35
ns
tSU
Setup Time for SCTRL_A before DCLK_A
LVDS
0.35
ns
tSU
Setup Time for SCTRL_B before DCLK_B
LVDS
0.35
ns
tH
Hold time for D_A(15:0) after DCLK_A
LVDS
0.50
ns
tH
Hold time for D_B(15:0) after DCLK_B
LVDS
0.50
ns
tH
Hold Time for SCTRL_A after DCLK_A
LVDS
0.50
ns
tH
Hold Time for SCTRL_B after DCLK_B
LVDS
0.50
ns
tSKEW
Channel B relative to Channel A(2)(3)
LVDS
–1.23
1.23
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com