Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM300019 Datasheet(PDF) 28 Page - Microchip Technology

Part # DM300019
Description  Starter Development Board Userís Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM300019 Datasheet(HTML) 28 Page - Microchip Technology

Back Button DM300019 Datasheet HTML 24Page - Microchip Technology DM300019 Datasheet HTML 25Page - Microchip Technology DM300019 Datasheet HTML 26Page - Microchip Technology DM300019 Datasheet HTML 27Page - Microchip Technology DM300019 Datasheet HTML 28Page - Microchip Technology DM300019 Datasheet HTML 29Page - Microchip Technology DM300019 Datasheet HTML 30Page - Microchip Technology DM300019 Datasheet HTML 31Page - Microchip Technology DM300019 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
dsPICDEM™ 80-Pin Starter Development Board User’s Guide
DS51584B-page 24
© 2006 Microchip Technology Inc.
2.7.3
Set Breakpoint
1. To set a breakpoint, right click a code line and select Set Breakpoint from the
pop-up menu.
As an example, find the following line of code and set a breakpoint on this line:
Again:
btss
PORTA,#S1
A red stop sign should appear in the gutter (gray bar on the left) of the source
code window.
2. Press <F9> to run the code. The program halts on the instruction following the
breakpoint as shown in Figure 2-17.
FIGURE 2-17:
SETTING BREAKPOINT
In this example, every time <F9> is pressed to run the code, it sends one
character to the display and stops at the breakpoint. After the first four spaces,
the characters will start to appear on the LCD display.
2.8
SUMMARY
This tutorial demonstrates the main features of MPLAB IDE and MPLAB ICD 2 as they
are used with the dsPICDEM 80-Pin Starter Development Board. Upon completing this
tutorial, you should be able to:
• Create a project using the Project Wizard
• Assemble and link the code and set the Configuration bits
• Set up MPLAB IDE to use MPLAB ICD 2
• Program the chip with MPLAB ICD 2
• View the code execution in program memory and source code
• View registers in a Watch window
• Set a breakpoint and make the code halt at a chosen location
• Use the function keys to Reset, Run, Halt and Single Step the code
Note: An alternate method is to simply double click the line. This feature may
need to be enabled in the Edit>Properties menu.
Note: The instruction on which the code halts could be elsewhere in the code if
the breakpoint is set on a branch or call instruction. Refer to Section 12
titled “Important Notes” in the Readme for MPLAB ICD 2.txt file located
in the C:\MPLAB IDE\READMES directory for additional operational
information on the MPLAB ICD 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com